Electronic Components Datasheet Search
  English  ▼

X  

F159V Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # F159V
Description  Dual-Path RF Transmitter IC 450MHz to 2800MHz
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F159V Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button F159V Datasheet HTML 3Page - Renesas Technology Corp F159V Datasheet HTML 4Page - Renesas Technology Corp F159V Datasheet HTML 5Page - Renesas Technology Corp F159V Datasheet HTML 6Page - Renesas Technology Corp F159V Datasheet HTML 7Page - Renesas Technology Corp F159V Datasheet HTML 8Page - Renesas Technology Corp F159V Datasheet HTML 9Page - Renesas Technology Corp F159V Datasheet HTML 10Page - Renesas Technology Corp F159V Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 78 page
background image
© 2020 Renesas Electronics Corporation
7
May 15, 2020
F159V Datasheet
Table 2.
Pin Descriptions (Cont.)
Number
Name
Description
27
CH1_MODEN
Enable or disable Channel 1 modulator output. Logic LOW will enable the output (normal operation).
Logic HIGH or NC will disable the output (power down).
28
CH1_Vdd_MODLO2 Channel 1 modulator LO driver power supply. Place bypass capacitors to GND as close as possible
to the pin.
29
NC
No internal connection. This pin can be left unconnected, have a voltage applied, or be connected to
ground (recommended).
30
GND_LO
Internally grounded. This pin must be grounded as close to the device as possible.
31
LO_IN+
Local oscillator (LO) 100Ω differential input. Pins must be AC-coupled.
32
LO_IN-
33
LO_OUT+
Local oscillator (LO) 100Ω differential output. Pins must be AC-coupled.
34
LO_OUT-
35
Vdd_LO
Power supply pin. Place bypass capacitors to GND as close as possible to the pin.
36
VCOM
Requires a capacitor from this pin to Vdd_VCO or to VREF_VCO for noise reduction.
37
Vdd_VCO
Power Supply Voltage. Place bypass capacitors to GND as close as possible to the pin.
38
VREF_VCO
Place decoupling capacitors (≥ 0.1µF) to ground, as close to the pin as possible. This pin indicates
voltage 2.8V when part is turned on.
39
VTUNE
Voltage control input to tune the VCO.
40
GND_VCO
Internally grounded. This pin must be grounded as close to the device as possible.
41
CP_OUT
Charge Pump Output. When enabled, this output provides ± ICP to the external loop filter. The
output of the loop filter is connected to VTUNE to drive the internal VCO.
42
GND_CP
Internally grounded. This pin must be grounded as close to the device as possible.
43
DNC
Do not connect anything to this pin.
44
Vdd_CP
Charge Pump Power Supply. Vdd_CP must have the same value as Vdd. Place decoupling
capacitors to the ground plane as close to this pin as possible.
45
GND_REF
Internally grounded. This pin must be grounded as close to the device as possible.
46
NC
No internal connection. This pin can be left unconnected, have a voltage applied, or be connected to
ground (recommended).
47
REF_IN
Reference Input. This CMOS input has a nominal threshold of Vdd/2 and a DC equivalent input
resistance of 100kΩ. This input can be driven from a TTL or CMOS crystal oscillator, or it can be
AC-coupled.
48
Vdd_REF
Power supply for reference path. Place bypass capacitors to GND as close as possible to the pin.
49
RESET
HIGH: Reset PLL. Resets all settings to default.
LOW: Normal Operating
50
GND_SPI
Internally grounded. This pin must be grounded as close to the device as possible.
51
Vdd_SPI
SPI power supply pin. Place bypass capacitors to GND as close to this pin as possible.
52
SPI_CSN
Serial chip Select. CSN pin can be pulled up to Vdd and down to GND.
53
SPI_CLK
Serial Clock Input.
54
SPI_DIO
Data write/read of 3-wire serial interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com