Electronic Components Datasheet Search
  English  ▼

X  

F159V Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # F159V
Description  Dual-Path RF Transmitter IC 450MHz to 2800MHz
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F159V Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button F159V Datasheet HTML 5Page - Renesas Technology Corp F159V Datasheet HTML 6Page - Renesas Technology Corp F159V Datasheet HTML 7Page - Renesas Technology Corp F159V Datasheet HTML 8Page - Renesas Technology Corp F159V Datasheet HTML 9Page - Renesas Technology Corp F159V Datasheet HTML 10Page - Renesas Technology Corp F159V Datasheet HTML 11Page - Renesas Technology Corp F159V Datasheet HTML 12Page - Renesas Technology Corp F159V Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
© 2020 Renesas Electronics Corporation
9
May 15, 2020
F159V Datasheet
3. Absolute Maximum Ratings
The absolute maximum ratings are stress ratings only. Stresses greater than those listed below can cause permanent damage to the device.
Functional operation of the F159V at absolute maximum ratings is not implied. Exposure to absolute maximum rating conditions may affect
device reliability.
Table 4.
Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
All VDD pins to GND
VDD
-0.3
+3.6
V
SPI_DIO, SPI_CLK, SPI_DO, SPI_CSN, LO_LD
VSPILogic
-0.3
VDD + 0.25
V
CH0_MODEN, CH1_MODEN,
CH0_AMPEN, CH1_AMPEN
VEnableLogic
-0.3
VDD + 0.25
V
CH0_RDIST_AMP, CH1_RDIST_AMP
VRDIST
-0.3
0.3
V
CH0_RBIAS, CH1_RBIAS
VRBIAS
-0.3
1
V
CH0_MODCOUPLE, CH1_MODCOUPLE
VMODOUT
-0.3
VDD + 0.25
V
CH0_RDIST_MOD, CH1_RDIST_MOD
VRDIST_MOD
-0.3
0.6
V
CH0_QBB+, CH0_QBB-, CH0_IBB+, CH0_IBB-
CH1_QBB+, CH1_QBB-, CH1_IBB+, CH1_IBB-
VBBIQ
-0.3
1.8
V
LO_IN-, LO_IN+, LO_OUT-, LO_OUT+
VLO
-0.3
VDD + 0.25
V
REF_IN, CP_OUT, VTUNE
VLOGIC
-0.3
VDD + 0.25
V
CH0_RFOUT, CH1_RFOUT externally applied DC voltage
VRFOUT
0
1.8
V
RESET
VRESET
-0.3
VDD + 0.25
V
VCOM
VVCOM
-0.3
VDD + 0.25
V
VREF_VCO
VREFVCO
-0.3
VDD + 0.25
V
Continuous Power Dissipation
Pdiss
2.7
W
Junction Temperature
TJ
+150
°C
Storage Temperature Range
TSTOR
-65
+150
°C
Lead Temperature (soldering, 10s)
+260
°C
Electrostatic Discharge – HBM
(JEDEC/ESDA JS-001-2012)
VESDHBM
1000
(Class 1C)
V
Electrostatic Discharge – CDM
(JEDEC 22-C101F)
VESDCDM
750
(Class C2)
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com