Electronic Components Datasheet Search
  English  ▼

X  

F159V Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # F159V
Description  Dual-Path RF Transmitter IC 450MHz to 2800MHz
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F159V Datasheet(HTML) 5 Page - Renesas Technology Corp

  F159V Datasheet HTML 1Page - Renesas Technology Corp F159V Datasheet HTML 2Page - Renesas Technology Corp F159V Datasheet HTML 3Page - Renesas Technology Corp F159V Datasheet HTML 4Page - Renesas Technology Corp F159V Datasheet HTML 5Page - Renesas Technology Corp F159V Datasheet HTML 6Page - Renesas Technology Corp F159V Datasheet HTML 7Page - Renesas Technology Corp F159V Datasheet HTML 8Page - Renesas Technology Corp F159V Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 78 page
background image
© 2020 Renesas Electronics Corporation
5
May 15, 2020
F159V Datasheet
1. Pin Assignments
Figure 2. Pin Assignments for 10mm x 10mm x 0.9mm QFN Package – Top View
1
2
3
4
5
6
7
8
9
10
11
14
16
17
12
13
15
CH0_Vdd_VVA
CH0_RDIST_AMP
CH0_RBIAS
CH0_Vdd_AMP
GND
GND
CH0_RFOUT
GND
GND
GND
CH1_RFOUT
GND
GND
CH1_Vdd_AMP
CH1_RBIAS
CH1_RDIST_AMP
CH1_Vdd_VVA
51
50
49
48
47
46
45
44
43
42
41
38
36
35
40
39
37
Vdd_SPI
GND_SPI
RESET
Vdd_REF
REF_IN
NC
GND_REF
Vdd_CP
DNC
GND_CP
CP_OUT
GND_VCO
VTUNE
VREF_VCO
Vdd_VCO
VCOM
Vdd_LO
LO
Switch
Matrix
90 / 0
/2
∑
/M
Charge
Pump
Frac-N
Divider
Phase
Frequency
Detector
Reference
Dividers
SPI Controller
Lock
Detect
90 / 0
∑
DAC
DAC
VVA2 DSA
AMP
VVA1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com