Electronic Components Datasheet Search
  English  ▼

X  

F159V Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # F159V
Description  Dual-Path RF Transmitter IC 450MHz to 2800MHz
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F159V Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button F159V Datasheet HTML 2Page - Renesas Technology Corp F159V Datasheet HTML 3Page - Renesas Technology Corp F159V Datasheet HTML 4Page - Renesas Technology Corp F159V Datasheet HTML 5Page - Renesas Technology Corp F159V Datasheet HTML 6Page - Renesas Technology Corp F159V Datasheet HTML 7Page - Renesas Technology Corp F159V Datasheet HTML 8Page - Renesas Technology Corp F159V Datasheet HTML 9Page - Renesas Technology Corp F159V Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 78 page
background image
© 2020 Renesas Electronics Corporation
6
May 15, 2020
F159V Datasheet
2. Pin Descriptions
Table 1.
Pin Descriptions
Number
Name
Description
1
CH0_Vdd_VVA
Channel 0 voltage variable attenuator (VVA) power supply. Place bypass capacitors to GND as
close to this pin as possible.
2
CH0_RDIST_AMP Channel 0 VGA amplifier distortion bias.
3
CH0_RBIAS
Channel 0 VGA amplifier current bias.
4
CH0_Vdd_AMP
Channel 0 variable gain amplifier (VGA) power supply. Place bypass capacitors to GND as close to
this pin as possible.
5
GND
Internally grounded. This pin must be grounded as close to the device as possible.
6
GND
Internally grounded. This pin must be grounded as close to the device as possible.
7
CH0_RFOUT
Channel 0 RF output. Must be AC-coupled.
8
GND
Internally grounded. This pin must be grounded as close to the device as possible.
9
GND
Internally grounded. This pin must be grounded as close to the device as possible.
10
GND
Internally grounded. This pin must be grounded as close to the device as possible.
11
CH1_RFOUT
Channel 1 RF output. Must be AC-coupled.
12
GND
Internally grounded. This pin must be grounded as close to the device as possible.
13
GND
Internally grounded. This pin must be grounded as close to the device as possible.
14
CH1_Vdd_AMP
Channel 1 variable gain amplifier (VGA) power supply. Place bypass capacitors to GND as close to
this pin as possible.
15
CH1_RBIAS
Channel 1 VGA amplifier current bias.
16
CH1_RDIST_AMP Channel 1 VGA amplifier distortion bias.
17
CH1_Vdd_VVA
Channel 1 voltage variable attenuator (VVA) power supply. Place bypass capacitors to GND as
close to this pin as possible.
18
CH1_AMPEN
Channel 1 Amplifier Enable / Disable. Logic LOW enable (normal operation); logic HIGH or NC for
disable (power down).
19
CH1_MODCOUPLE Channel 1 modulator coupled output.
20
CH1_Vdd_MODAMP Channel 1 modulator power supply pin. Place bypass capacitors to GND as close to this pin as
possible.
21
CH1_RDIST_MOD Channel 1 modulator amplifier bias
22
CH1_QBB+
Channel 1 Quadrature differential baseband input. Internally matched to 110Ω.
23
CH1_QBB-
24
NC
No internal connection. This pin can be left unconnected, have a voltage applied, or be connected to
ground (recommended).
25
CH1_IBB+
Channel 1 In-Phase differential baseband input. Internally matched to 110Ω.
26
CH1_IBB-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com