Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28075PZP Datasheet(PDF) 32 Page - Texas Instruments

Part # TMS320F28075PZP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28075PZP Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMS320F28075PZP Datasheet HTML 28Page - Texas Instruments TMS320F28075PZP Datasheet HTML 29Page - Texas Instruments TMS320F28075PZP Datasheet HTML 30Page - Texas Instruments TMS320F28075PZP Datasheet HTML 31Page - Texas Instruments TMS320F28075PZP Datasheet HTML 32Page - Texas Instruments TMS320F28075PZP Datasheet HTML 33Page - Texas Instruments TMS320F28075PZP Datasheet HTML 34Page - Texas Instruments TMS320F28075PZP Datasheet HTML 35Page - Texas Instruments TMS320F28075PZP Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 192 page
background image
6.5 Connections for Unused Pins
For applications that do not need to use all functions of the device, Table 6-6 lists acceptable conditioning for any
unused pins. When multiple options are listed in Table 6-6, any are acceptable. Pins not listed in Table 6-6 must
be connected according to Section 6.2.1.
Table 6-6. Connections for Unused Pins
SIGNAL NAME
ACCEPTABLE PRACTICE
Analog
VREFHIx
Tie to VDDA
VREFLOx
Tie to VSSA
ADCINx
•
No Connect
•
Tie to VSSA
Digital
GPIOx
•
No connection (input mode with internal pullup enabled)
•
No connection (output mode with internal pullup disabled)
•
Pullup or pulldown resistor (any value resistor, input mode, and with internal pullup disabled)
X1
Tie to VSS
X2
No Connect
TCK
•
No Connect
•
Pullup resistor
TDI
•
No Connect
•
Pullup resistor
TDO
No Connect
TMS
No Connect
TRST
Pulldown resistor (2.2 kΩ or smaller)
VREGENZ
Tie to VDDIO
ERRORSTS
No Connect
FLT1
No Connect
FLT2
No Connect
Power and Ground
VDD
All VDD pins must be connected per Section 6.2.1.
VDDA
If a dedicated analog supply is not used, tie to VDDIO.
VDDIO
All VDDIO pins must be connected per Section 6.2.1.
VDD3VFL
Must be tied to VDDIO
VDDOSC
Must be tied to VDDIO
VSS
All VSS pins must be connected to board ground.
VSSA
If a dedicated analog ground is not used, tie to VSS.
VSSOSC
If an external crystal is not used, this pin may be connected to the board ground.
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com