Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28075PZP Datasheet(PDF) 72 Page - Texas Instruments

Part # TMS320F28075PZP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28075PZP Datasheet(HTML) 72 Page - Texas Instruments

Back Button TMS320F28075PZP Datasheet HTML 68Page - Texas Instruments TMS320F28075PZP Datasheet HTML 69Page - Texas Instruments TMS320F28075PZP Datasheet HTML 70Page - Texas Instruments TMS320F28075PZP Datasheet HTML 71Page - Texas Instruments TMS320F28075PZP Datasheet HTML 72Page - Texas Instruments TMS320F28075PZP Datasheet HTML 73Page - Texas Instruments TMS320F28075PZP Datasheet HTML 74Page - Texas Instruments TMS320F28075PZP Datasheet HTML 75Page - Texas Instruments TMS320F28075PZP Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 192 page
background image
7.9.9.3 EMIF Electrical Data and Timing
Note
This device has one EMIF interface. In this section, EMx denotes EM1.
7.9.9.3.1 Asynchronous RAM
Section 7.9.9.3.1.1 shows the EMIF asynchronous memory timing requirements. Section 7.9.9.3.1.2 shows the
EMIF asynchronous memory switching characteristics. Figure 7-21 through Figure 7-24 show the EMIF
asynchronous memory timing diagrams.
7.9.9.3.1.1 EMIF Asynchronous Memory Timing Requirements
NO.(1)
MIN
MAX
UNIT
Reads and Writes
E
EMIF clock period
tc(SYSCLK)
ns
2
tw(EM_WAIT)
Pulse duration, EMxWAIT assertion and
deassertion
2E
ns
Reads
12
tsu(EMDV-EMOEH)
Setup time, EMxD[y:0] valid before EMxOE high
15
ns
13
th(EMOEH-EMDIV)
Hold time, EMxD[y:0] valid after EMxOE high
0
ns
14
tsu(EMOEL-EMWAIT)
Setup Time, EMxWAIT asserted before end of
Strobe Phase(2)
4E+20
ns
Writes
28
tsu(EMWEL-EMWAIT)
Setup Time, EMxWAIT asserted before end of
Strobe Phase(2)
4E+20
ns
(1)
E = EMxCLK period in ns.
(2)
Setup before end of STROBE phase (if no extended wait states are inserted) by which EMxWAIT must be asserted to add extended
wait states. Figure 7-22 and Figure 7-24 describe EMIF transactions that include extended wait states inserted during the STROBE
phase. However, cycles inserted as part of this extended wait period should not be counted; the 4E requirement is to the start of where
the HOLD phase would begin if there were no extended wait cycles.
7.9.9.3.1.2 EMIF Asynchronous Memory Switching Characteristics
NO.(1)
(2) (3)
PARAMETER
MIN
MAX
UNIT
Reads and Writes
1
td(TURNAROUND)
Turn around time
(TA)*E–3
(TA)*E+2
ns
Reads
3
tc(EMRCYCLE)
EMIF read cycle time (EW = 0)
(RS+RST+RH)*E–3
(RS+RST+RH)*E+2
ns
EMIF read cycle time (EW = 1)
(RS+RST+RH+
(EWC*16))*E–3
(RS+RST+RH+
(EWC*16))*E+2
ns
4
tsu(EMCEL-EMOEL)
Output setup time, EMxCS[y:2] low
to EMxOE low (SS = 0)
(RS)*E–3
(RS)*E+2
ns
Output setup time, EMxCS[y:2] low
to EMxOE low (SS = 1)
–3
2
ns
5
th(EMOEH-EMCEH)
Output hold time, EMxOE high to
EMxCS[y:2] high (SS = 0)
(RH)*E–3
(RH)*E
ns
Output hold time, EMxOE high to
EMxCS[y:2] high (SS = 1)
–3
0
ns
6
tsu(EMBAV-EMOEL)
Output setup time, EMxBA[y:0]
valid to EMxOE low
(RS)*E–3
(RS)*E+2
ns
7
th(EMOEH-EMBAIV)
Output hold time, EMxOE high to
EMxBA[y:0] invalid
(RH)*E–3
(RH)*E
ns
8
tsu(EMAV-EMOEL)
Output setup time, EMxA[y:0] valid
to EMxOE low
(RS)*E–3
(RS)*E+2
ns
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
www.ti.com
72
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com