Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28075PZP Datasheet(PDF) 57 Page - Texas Instruments

Part # TMS320F28075PZP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28075PZP Datasheet(HTML) 57 Page - Texas Instruments

Back Button TMS320F28075PZP Datasheet HTML 53Page - Texas Instruments TMS320F28075PZP Datasheet HTML 54Page - Texas Instruments TMS320F28075PZP Datasheet HTML 55Page - Texas Instruments TMS320F28075PZP Datasheet HTML 56Page - Texas Instruments TMS320F28075PZP Datasheet HTML 57Page - Texas Instruments TMS320F28075PZP Datasheet HTML 58Page - Texas Instruments TMS320F28075PZP Datasheet HTML 59Page - Texas Instruments TMS320F28075PZP Datasheet HTML 60Page - Texas Instruments TMS320F28075PZP Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 192 page
background image
7.9.5.1 JTAG Electrical Data and Timing
Section 7.9.5.1.1 lists the JTAG timing requirements. Section 7.9.5.1.2 lists the JTAG switching characteristics.
Figure 7-11 shows the JTAG timing.
7.9.5.1.1 JTAG Timing Requirements
NO.
MIN
MAX
UNIT
1
tc(TCK)
Cycle time, TCK
66.66
ns
1a
tw(TCKH)
Pulse duration, TCK high (40% of tc)
26.66
ns
1b
tw(TCKL)
Pulse duration, TCK low (40% of tc)
26.66
ns
3
tsu(TDI-TCKH)
Input setup time, TDI valid to TCK high
13
ns
tsu(TMS-TCKH)
Input setup time, TMS valid to TCK high
13
ns
4
th(TCKH-TDI)
Input hold time, TDI valid from TCK high
7
ns
th(TCKH-TMS)
Input hold time, TMS valid from TCK high
7
ns
7.9.5.1.2 JTAG Switching Characteristics
over recommended operating conditions (unless otherwise noted)
NO.
PARAMETER
MIN
MAX
UNIT
2
td(TCKL-TDO)
Delay time, TCK low to TDO valid
6
25
ns
3
TCK
TDO
TDI/TMS
2
4
1
1a
1b
Figure 7-11. JTAG Timing
www.ti.com
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
57
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com