Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28075PZP Datasheet(PDF) 49 Page - Texas Instruments

Part # TMS320F28075PZP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28075PZP Datasheet(HTML) 49 Page - Texas Instruments

Back Button TMS320F28075PZP Datasheet HTML 45Page - Texas Instruments TMS320F28075PZP Datasheet HTML 46Page - Texas Instruments TMS320F28075PZP Datasheet HTML 47Page - Texas Instruments TMS320F28075PZP Datasheet HTML 48Page - Texas Instruments TMS320F28075PZP Datasheet HTML 49Page - Texas Instruments TMS320F28075PZP Datasheet HTML 50Page - Texas Instruments TMS320F28075PZP Datasheet HTML 51Page - Texas Instruments TMS320F28075PZP Datasheet HTML 52Page - Texas Instruments TMS320F28075PZP Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 192 page
background image
7.9.3.2 Clock Frequencies, Requirements, and Characteristics
This section provides the frequencies and timing requirements of the input clocks, PLL lock times, frequencies of
the internal clocks, and the frequency and switching characteristics of the output clock.
7.9.3.2.1 Input Clock Frequency and Timing Requirements, PLL Lock Times
Section 7.9.3.2.1.1 shows the frequency requirements for the input clocks. Table 7-3 shows the crystal
equivalent series resistance requirements. Section 7.9.3.2.1.2 shows the X1 input level characteristics when
using an external clock source. Section 7.9.3.2.1.3 and Section 7.9.3.2.1.4 show the timing requirements for the
input clocks. Section 7.9.3.2.1.5 shows the PLL lock times for the Main PLL and the USB PLL.
7.9.3.2.1.1 Input Clock Frequency
MIN
MAX
UNIT
f(XTAL)
Frequency, X1/X2, from external crystal or resonator
10
20
MHz
f(X1)
Frequency, X1, from external oscillator
2
25
MHz
f(AUXI)
Frequency, AUXCLKIN, from external oscillator
2
60
MHz
7.9.3.2.1.2 X1 Input Level Characteristics When Using an External Clock Source (Not a Crystal)
over recommended operating conditions (unless otherwise noted)
PARAMETER
MIN
MAX
UNIT
X1 VIL
Valid low-level input voltage
–0.3
0.3 * VDDIO
V
X1 VIH
Valid high-level input voltage
0.7 * VDDIO
VDDIO + 0.3
V
7.9.3.2.1.3 X1 Timing Requirements
MIN
MAX
UNIT
tf(X1)
Fall time, X1
6
ns
tr(X1)
Rise time, X1
6
ns
tw(X1L)
Pulse duration, X1 low as a percentage of tc(X1)
45%
55%
tw(X1H)
Pulse duration, X1 high as a percentage of tc(X1)
45%
55%
7.9.3.2.1.4 AUXCLKIN Timing Requirements
MIN
MAX
UNIT
tf(AUXI)
Fall time, AUXCLKIN
6
ns
tr(AUXI)
Rise time, AUXCLKIN
6
ns
tw(AUXL)
Pulse duration, AUXCLKIN low as a percentage of tc(XCI)
45%
55%
tw(AUXH)
Pulse duration, AUXCLKIN high as a percentage of tc(XCI)
45%
55%
7.9.3.2.1.5 PLL Lock Times
MIN
NOM
MAX
UNIT
t(PLL)
Lock time, Main PLL (X1, from external oscillator)
50 µs + 2500 * tc(OSCCLK) (1)
µs
t(USB)
Lock time, USB PLL (AUXCLKIN, from external oscillator)
50 µs + 2500 * tc(OSCCLK) (1)
µs
(1)
The PLL lock time here defines the typical time of execution for the PLL workaround as defined in the TMS320F2807x MCUs Silicon
Errata . Cycle count includes code execution of the PLL initialization routine, which could vary depending on compiler optimizations
and flash wait states. TI recommends using the latest example software from C2000Ware for initializing the PLLs. For the system PLL,
see InitSysPll() or SysCtl_setClock(). For the auxillary PLL, see InitAuxPll() or SysCtl_setAuxClock().
www.ti.com
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com