Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28075PZP Datasheet(PDF) 86 Page - Texas Instruments

Part # TMS320F28075PZP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28075PZP Datasheet(HTML) 86 Page - Texas Instruments

Back Button TMS320F28075PZP Datasheet HTML 82Page - Texas Instruments TMS320F28075PZP Datasheet HTML 83Page - Texas Instruments TMS320F28075PZP Datasheet HTML 84Page - Texas Instruments TMS320F28075PZP Datasheet HTML 85Page - Texas Instruments TMS320F28075PZP Datasheet HTML 86Page - Texas Instruments TMS320F28075PZP Datasheet HTML 87Page - Texas Instruments TMS320F28075PZP Datasheet HTML 88Page - Texas Instruments TMS320F28075PZP Datasheet HTML 89Page - Texas Instruments TMS320F28075PZP Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 192 page
background image
7.10.1.2.1 ADC Operating Conditions
over recommended operating conditions (unless otherwise noted)
MIN
TYP
MAX
UNIT
ADCCLK (derived from PERx.SYSCLK)
5
50
MHz
Sample window duration (set by ACQPS and PERx.SYSCLK)(1)
100
ns
VREFHI
2.4
2.5 or 3.0
VDDA
V
VREFLO
VSSA
0
VSSA
V
VREFHI – VREFLO
2.4
VDDA
V
ADC input conversion range
VREFLO
VREFHI
V
(1)
The sample window must also be at least as long as 1 ADCCLK cycle for correct ADC operation.
Note
The ADC inputs should be kept below VDDA + 0.3 V during operation. If an ADC input exceeds this
level, the VREF internal to the device may be disturbed, which can impact results for other ADC or
DAC inputs using the same VREF.
Note
The VREFHI pin must be kept below VDDA + 0.3 V to ensure proper functional operation. If the VREFHI
pin exceeds this level, a blocking circuit may activate, and the internal value of VREFHI may float to 0 V
internally, giving improper ADC conversion or DAC output.
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
www.ti.com
86
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com