Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28075PZP Datasheet(PDF) 59 Page - Texas Instruments

Part # TMS320F28075PZP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28075PZP Datasheet(HTML) 59 Page - Texas Instruments

Back Button TMS320F28075PZP Datasheet HTML 55Page - Texas Instruments TMS320F28075PZP Datasheet HTML 56Page - Texas Instruments TMS320F28075PZP Datasheet HTML 57Page - Texas Instruments TMS320F28075PZP Datasheet HTML 58Page - Texas Instruments TMS320F28075PZP Datasheet HTML 59Page - Texas Instruments TMS320F28075PZP Datasheet HTML 60Page - Texas Instruments TMS320F28075PZP Datasheet HTML 61Page - Texas Instruments TMS320F28075PZP Datasheet HTML 62Page - Texas Instruments TMS320F28075PZP Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 192 page
background image
7.9.6.2 GPIO - Input Timing
Section 7.9.6.2.1 shows the general-purpose input timing requirements. Figure 7-13 shows the sampling mode.
7.9.6.2.1 General-Purpose Input Timing Requirements
MIN
MAX
UNIT
tw(SP)
Sampling period
QUALPRD = 0
1tc(SYSCLK)
cycles
QUALPRD ≠ 0
2tc(SYSCLK) * QUALPRD
cycles
tw(IQSW)
Input qualifier sampling window
tw(SP) * (n(1) – 1)
cycles
tw(GPI) (2)
Pulse duration, GPIO low/high
Synchronous mode
2tc(SYSCLK)
cycles
With input qualifier
tw(IQSW) + tw(SP) + 1tc(SYSCLK)
cycles
(1)
"n" represents the number of qualification samples as defined by GPxQSELn register.
(2)
For tw(GPI), pulse width is measured from VIL to VIL for an active low signal and VIH to VIH for an active high signal.
GPIO Signal
1
Sampling Window
1
1
1
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
0
0
SYSCLK
(A)
GPxQSELn = 1,0 (6 samples)
(D)
Output From
Qualifier
QUALPRD = 1
(SYSCLK/2)
t
w(IQSW)
t
w(SP)
(SYSCLK cycle * 2 * QUALPRD) * 5
(C)
Sampling Period determined
by GPxCTRL[QUALPRD]
(B)
A. This glitch will be ignored by the input qualifier. The QUALPRD bit field specifies the qualification sampling period. It can vary from 00 to
0xFF. If QUALPRD = 00, then the sampling period is 1 SYSCLK cycle. For any other value "n", the qualification sampling period in 2n
SYSCLK cycles (that is, at every 2n SYSCLK cycles, the GPIO pin will be sampled).
B. The qualification period selected through the GPxCTRL register applies to groups of 8 GPIO pins.
C. The qualification block can take either three or six samples. The GPxQSELn Register selects which sample mode is used.
D. In the example shown, for the qualifier to detect the change, the input should be stable for 10 SYSCLK cycles or greater. In other words,
the inputs should be stable for (5 x QUALPRD x 2) SYSCLK cycles. This would ensure 5 sampling periods for detection to occur.
Because external signals are driven asynchronously, an 13-SYSCLK-wide pulse ensures reliable recognition.
Figure 7-13. Sampling Mode
www.ti.com
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com