Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28075PZP Datasheet(PDF) 20 Page - Texas Instruments

Part # TMS320F28075PZP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28075PZP Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMS320F28075PZP Datasheet HTML 16Page - Texas Instruments TMS320F28075PZP Datasheet HTML 17Page - Texas Instruments TMS320F28075PZP Datasheet HTML 18Page - Texas Instruments TMS320F28075PZP Datasheet HTML 19Page - Texas Instruments TMS320F28075PZP Datasheet HTML 20Page - Texas Instruments TMS320F28075PZP Datasheet HTML 21Page - Texas Instruments TMS320F28075PZP Datasheet HTML 22Page - Texas Instruments TMS320F28075PZP Datasheet HTML 23Page - Texas Instruments TMS320F28075PZP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 192 page
background image
TERMINAL
I/O/Z
(1)
DESCRIPTION
NAME
MUX
POSITION
PTP
PIN
NO.
PZP
PIN
NO.
GPIO70
0, 4, 8, 12
135
76
I/O
General-purpose input/output 70
(3)
EM1D14
2
I/O
External memory interface 1 data line 14
CANRXA
5
I
CAN-A receive
SCITXDB
6
O
SCI-B transmit data
SPISOMIC
15
I/O
SPI-C slave out, master in
(2)
GPIO71
0, 4, 8, 12
136
77
I/O
General-purpose input/output 71
EM1D13
2
I/O
External memory interface 1 data line 13
CANTXA
5
O
CAN-A transmit
SCIRXDB
6
I
SCI-B receive data
SPICLKC
15
I/O
SPI-C clock
(2)
GPIO72
0, 4, 8, 12
139
80
I/O
General-purpose input/output 72.
(3) This is the factory default
boot mode select pin 1.
EM1D12
2
I/O
External memory interface 1 data line 12
CANTXB
5
O
CAN-B transmit
SCITXDC
6
O
SCI-C transmit data
SPISTEC
15
I/O
SPI-C slave transmit enable
(2)
GPIO73
0, 4, 8, 12
140
81
I/O
General-purpose input/output 73
EM1D11
2
I/O
External memory interface 1 data line 11
XCLKOUT
3
O/Z
External clock output. This pin outputs a divided-down version
of a chosen clock signal from within the device. The clock
signal is chosen using the CLKSRCCTL3.XCLKOUTSEL bit
field while the divide ratio is chosen using the
XCLKOUTDIVSEL.XCLKOUTDIV bit field.
CANRXB
5
I
CAN-B receive
SCIRXDC
6
I
SCI-C receive
GPIO74
0, 4, 8, 12
141
–
I/O
General-purpose input/output 74
EM1D10
2
I/O
External memory interface 1 data line 10
GPIO75
0, 4, 8, 12
142
–
I/O
General-purpose input/output 75
EM1D9
2
I/O
External memory interface 1 data line 9
GPIO76
0, 4, 8, 12
143
–
I/O
General-purpose input/output 76
EM1D8
2
I/O
External memory interface 1 data line 8
SCITXDD
6
O
SCI-D transmit data
GPIO77
0, 4, 8, 12
144
–
I/O
General-purpose input/output 77
EM1D7
2
I/O
External memory interface 1 data line 7
SCIRXDD
6
I
SCI-D receive data
GPIO78
0, 4, 8, 12
145
82
I/O
General-purpose input/output 78
EM1D6
2
I/O
External memory interface 1 data line 6
EQEP2A
6
I
Enhanced QEP2 input A
GPIO79
0, 4, 8, 12
146
–
I/O
General-purpose input/output 79
EM1D5
2
I/O
External memory interface 1 data line 5
EQEP2B
6
I
Enhanced QEP2 input B
GPIO80
0, 4, 8, 12
148
–
I/O
General-purpose input/output 80
EM1D4
2
I/O
External memory interface 1 data line 4
EQEP2S
6
I/O
Enhanced QEP2 strobe
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com