Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28075PZP Datasheet(PDF) 35 Page - Texas Instruments

Part # TMS320F28075PZP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28075PZP Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMS320F28075PZP Datasheet HTML 31Page - Texas Instruments TMS320F28075PZP Datasheet HTML 32Page - Texas Instruments TMS320F28075PZP Datasheet HTML 33Page - Texas Instruments TMS320F28075PZP Datasheet HTML 34Page - Texas Instruments TMS320F28075PZP Datasheet HTML 35Page - Texas Instruments TMS320F28075PZP Datasheet HTML 36Page - Texas Instruments TMS320F28075PZP Datasheet HTML 37Page - Texas Instruments TMS320F28075PZP Datasheet HTML 38Page - Texas Instruments TMS320F28075PZP Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 192 page
background image
7.4 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Device supply voltage, I/O, VDDIO (1)
3.14
3.3
3.47
V
Device supply voltage, VDD
1.14
1.2
1.26
V
Supply ground, VSS
0
V
Analog supply voltage, VDDA
3.14
3.3
3.47
V
Analog ground, VSSA
0
V
Junction temperature, TJ
T version
–40
105
°C
S version(2)
–40
125
Q version (AEC Q100 qualification)(2)
–40
150
Free-Air temperature, TA
Q version (AEC Q100 qualification)
–40
125
°C
(1)
VDDIO, VDD3VFL, and VDDOSC should be maintained within 0.3 V of each other.
(2)
Operation above TJ = 105°C for extended duration will reduce the lifetime of the device. See Calculating Useful Lifetimes of Embedded
Processors for more information.
www.ti.com
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com