Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28075PZP Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS320F28075PZP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28075PZP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320F28075PZP Datasheet HTML 7Page - Texas Instruments TMS320F28075PZP Datasheet HTML 8Page - Texas Instruments TMS320F28075PZP Datasheet HTML 9Page - Texas Instruments TMS320F28075PZP Datasheet HTML 10Page - Texas Instruments TMS320F28075PZP Datasheet HTML 11Page - Texas Instruments TMS320F28075PZP Datasheet HTML 12Page - Texas Instruments TMS320F28075PZP Datasheet HTML 13Page - Texas Instruments TMS320F28075PZP Datasheet HTML 14Page - Texas Instruments TMS320F28075PZP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 192 page
background image
TERMINAL
I/O/Z
(1)
DESCRIPTION
NAME
MUX
POSITION
PTP
PIN
NO.
PZP
PIN
NO.
ADCINA5
38
20
I
ADC-A input 5
CMPIN2N
I
Comparator 2 negative input
ADCINB0
46
28
I
ADC-B input 0. There is a 100-pF capacitor to VSSA on this pin
in both ADC input or DAC reference mode which cannot be
disabled. If this pin is being used as a reference for the on-
chip DACs, place at least a 1-µF capacitor on this pin.
VDAC
I
Optional external reference voltage for on-chip DACs. There is
a 100-pF capacitor to VSSA on this pin in both ADC input or
DAC reference mode which cannot be disabled. If this pin is
being used as a reference for the on-chip DACs, place at least
a 1-µF capacitor on this pin.
ADCINB1
47
29
I
ADC-B input 1. There is a 50-kΩ internal pulldown on this pin
in both an ADC input or DAC output mode which cannot be
disabled.
DACOUTC
O
DAC-C output
ADCINB2
48
30
I
ADC-B input 2
CMPIN3P
I
Comparator 3 positive input
ADCINB3
49
31
I
ADC-B input 3
CMPIN3N
I
Comparator 3 negative input
ADCINB4
–
32
I
ADC-B input 4
ADCINB5
–
33
I
ADC-B input 5
CMPIN6P
31
–
I
Comparator 6 positive input
CMPIN6N
30
–
I
Comparator 6 negative input
CMPIN5P
29
–
I
Comparator 5 positive input
ADCIND0
56
–
I
ADC-D input 0
CMPIN7P
I
Comparator 7 positive input
ADCIND1
57
–
I
ADC-D input 1
CMPIN7N
I
Comparator 7 negative input
ADCIND2
58
–
I
ADC-D input 2
CMPIN8P
I
Comparator 8 positive input
ADCIND3
59
–
I
ADC-D input 3
CMPIN8N
I
Comparator 8 negative input
ADCIND4
60
–
I
ADC-D input 4
GPIO AND PERIPHERAL SIGNALS
GPIO0
0, 4, 8, 12
160
–
I/O
General-purpose input/output 0
EPWM1A
1
O
Enhanced PWM1 output A (HRPWM-capable)
SDAA
6
I/OD
I2C-A data open-drain bidirectional port
GPIO1
0, 4, 8, 12
161
–
I/O
General-purpose input/output 1
EPWM1B
1
O
Enhanced PWM1 output B (HRPWM-capable)
MFSRB
3
I/O
McBSP-B receive frame synch
SCLA
6
I/OD
I2C-A clock open-drain bidirectional port
GPIO2
0, 4, 8, 12
162
91
I/O
General-purpose input/output 2
EPWM2A
1
O
Enhanced PWM2 output A (HRPWM-capable)
OUTPUTXBAR1
5
O
Output 1 of the output XBAR
SDAB
6
I/OD
I2C-B data open-drain bidirectional port
www.ti.com
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com