Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28075PZP Datasheet(PDF) 23 Page - Texas Instruments

Part # TMS320F28075PZP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28075PZP Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMS320F28075PZP Datasheet HTML 19Page - Texas Instruments TMS320F28075PZP Datasheet HTML 20Page - Texas Instruments TMS320F28075PZP Datasheet HTML 21Page - Texas Instruments TMS320F28075PZP Datasheet HTML 22Page - Texas Instruments TMS320F28075PZP Datasheet HTML 23Page - Texas Instruments TMS320F28075PZP Datasheet HTML 24Page - Texas Instruments TMS320F28075PZP Datasheet HTML 25Page - Texas Instruments TMS320F28075PZP Datasheet HTML 26Page - Texas Instruments TMS320F28075PZP Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 192 page
background image
TERMINAL
I/O/Z
(1)
DESCRIPTION
NAME
MUX
POSITION
PTP
PIN
NO.
PZP
PIN
NO.
JTAG
TCK
81
50
I
JTAG test clock with internal pullup (see Section 7.6)
TDI
77
46
I
JTAG test data input (TDI) with internal pullup. TDI is clocked
into the selected register (instruction or data) on a rising edge
of TCK.
TDO
78
47
O/Z
JTAG scan out, test data output (TDO). The contents of the
selected register (instruction or data) are shifted out of TDO
on the falling edge of TCK.
(3)
TMS
80
49
I
JTAG test-mode select (TMS) with internal pullup. This serial
control input is clocked into the TAP controller on the rising
edge of TCK.
TRST
79
48
I
JTAG test reset with internal pulldown. TRST, when driven
high, gives the scan system control of the operations of the
device. If this signal is driven low, the device operates in its
functional mode, and the test reset signals are ignored.
NOTE: TRST must be maintained low at all times during
normal device operation. An external pulldown resistor is
required on this pin. The value of this resistor should be based
on drive strength of the debugger pods applicable to the
design. A 2.2-kΩ or smaller resistor generally offers adequate
protection. The value of the resistor is application-specific. TI
recommends that each target board be validated for proper
operation of the debugger and the application. This pin has an
internal 50-ns (nominal) glitch filter.
INTERNAL VOLTAGE REGULATOR CONTROL
VREGENZ
119
64
I
Internal voltage regulator enable with internal pulldown. To
enable the 1.2-V VREG, pull low to VSS. To disable, pull high
to VDDIO.
ANALOG, DIGITAL, AND I/O POWER
VDD
16
16
1.2-V digital logic power pins. If the internal 1.2-V VREG is
used, place a decoupling capacitor near each VDD pin and
distribute 12 µF to 26 µF evenly across all VDD pins. If an
external supply is used, TI recommends a minimum total
capacitance of 20 µF. The exact value of the decoupling
capacitance should be determined by your system voltage
regulation solution.
21
39
61
45
76
63
117
71
126
78
137
84
153
89
158
95
169
–
VDD3VFL
72
41
3.3-V Flash power pin. Place a minimum 0.1-µF decoupling
capacitor on each pin.
VDDA
35
18
3.3-V analog power pins. Place a minimum 2.2-µF decoupling
capacitor to VSSA on each pin.
36
38
54
–
www.ti.com
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com