Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28075PZP Datasheet(PDF) 88 Page - Texas Instruments

Part # TMS320F28075PZP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28075PZP Datasheet(HTML) 88 Page - Texas Instruments

Back Button TMS320F28075PZP Datasheet HTML 84Page - Texas Instruments TMS320F28075PZP Datasheet HTML 85Page - Texas Instruments TMS320F28075PZP Datasheet HTML 86Page - Texas Instruments TMS320F28075PZP Datasheet HTML 87Page - Texas Instruments TMS320F28075PZP Datasheet HTML 88Page - Texas Instruments TMS320F28075PZP Datasheet HTML 89Page - Texas Instruments TMS320F28075PZP Datasheet HTML 90Page - Texas Instruments TMS320F28075PZP Datasheet HTML 91Page - Texas Instruments TMS320F28075PZP Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 192 page
background image
7.10.1.2.3 ADCEXTSOC Timing Requirements
MIN(1)
MAX
UNIT
tw(INT)
Pulse duration, INT input low/high
Synchronous
2tc(SYSCLK)
cycles
With qualifier
tw(IQSW) + tw(SP) + 1tc(SYSCLK)
cycles
(1)
For an explanation of the input qualifier parameters, see Section 7.9.6.2.1.
7.10.1.2.4 ADC Input Model
Note
ADC channels ADCINA0, ADCINA1, and ADCINB1 have a 50-kΩ pulldown resistor to VSSA.
7.10.1.2.4.1 Single-Ended Input Model Parameters
DESCRIPTION
VALUE
Cp
Parasitic input capacitance
See Table 7-8
Ron
Sampling switch resistance
600 Ω
Ch
Sampling capacitor
16.5 pF
Rs
Nominal source impedance
50 Ω
ADC
Ron
Switch
VREFLO
Ch
Cp
ADCINx
AC
Rs
Figure 7-31. Single-Ended Input Model
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
www.ti.com
88
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com