Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28075PZP Datasheet(PDF) 40 Page - Texas Instruments

Part # TMS320F28075PZP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28075PZP Datasheet(HTML) 40 Page - Texas Instruments

Back Button TMS320F28075PZP Datasheet HTML 36Page - Texas Instruments TMS320F28075PZP Datasheet HTML 37Page - Texas Instruments TMS320F28075PZP Datasheet HTML 38Page - Texas Instruments TMS320F28075PZP Datasheet HTML 39Page - Texas Instruments TMS320F28075PZP Datasheet HTML 40Page - Texas Instruments TMS320F28075PZP Datasheet HTML 41Page - Texas Instruments TMS320F28075PZP Datasheet HTML 42Page - Texas Instruments TMS320F28075PZP Datasheet HTML 43Page - Texas Instruments TMS320F28075PZP Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 192 page
background image
7.5.4 Reducing Current Consumption
The F2807x devices provide some methods to reduce the device current consumption:
• Any one of the four low-power modes—IDLE, STANDBY, HALT, and HIBERNATE—could be entered during
idle periods in the application.
• The flash module may be powered down if the code is run from RAM.
• Disable the pullups on pins that assume an output function.
• Each peripheral has an individual clock-enable bit (PCLKCRx). Reduced current consumption may be
achieved by turning off the clock to any peripheral that is not used in a given application. Table 7-1 indicates
the typical current reduction that may be achieved by disabling the clocks using the PCLKCRx register.
• To realize the lowest VDDA current consumption in a low-power mode, see the respective analog chapter of
the TMS320F2807x Microcontrollers Technical Reference Manual to ensure each module is powered down
as well.
Table 7-1. Current on VDD Supply by Various
Peripherals (at 120 MHz)
PERIPHERAL
MODULE(1) (2)
IDD CURRENT
REDUCTION (mA)
ADC(3)
2.1
CAN
2.1
CLA
0.9
CMPSS(3)
0.9
CPUTIMER
0.2
DAC(3)
0.4
DMA
1.8
eCAP
0.4
EMIF1
1.8
ePWM1 to ePWM4(4)
2.8
ePWM5 to ePWM12(4)
1.1
HRPWM(4)
1.1
I2C
0.9
McBSP
1
SCI
0.6
SDFM
1.3
SPI
0.4
USB and AUXPLL at 60 MHz
14.8
(1)
At Vmax and 125°C.
(2)
All peripherals are disabled upon reset. Use the PCLKCRx
register to individually enable peripherals. For peripherals with
multiple instances, the current quoted is for a single module.
(3)
This number represents the current drawn by the digital portion
of the ADC, CMPSS, and DAC modules.
(4)
The ePWM is at /2 of SYSCLK.
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
www.ti.com
40
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com