Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28075PZP Datasheet(PDF) 76 Page - Texas Instruments

Part # TMS320F28075PZP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28075PZP Datasheet(HTML) 76 Page - Texas Instruments

Back Button TMS320F28075PZP Datasheet HTML 72Page - Texas Instruments TMS320F28075PZP Datasheet HTML 73Page - Texas Instruments TMS320F28075PZP Datasheet HTML 74Page - Texas Instruments TMS320F28075PZP Datasheet HTML 75Page - Texas Instruments TMS320F28075PZP Datasheet HTML 76Page - Texas Instruments TMS320F28075PZP Datasheet HTML 77Page - Texas Instruments TMS320F28075PZP Datasheet HTML 78Page - Texas Instruments TMS320F28075PZP Datasheet HTML 79Page - Texas Instruments TMS320F28075PZP Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 192 page
background image
7.9.9.3.2 Synchronous RAM
Section 7.9.9.3.2.1 shows the EMIF synchronous memory timing requirements. Section 7.9.9.3.2.2 shows the
EMIF synchronous memory switching characteristics. Figure 7-25 and Figure 7-26 show the synchronous
memory timing diagrams.
7.9.9.3.2.1 EMIF Synchronous Memory Timing Requirements
NO.
MIN
MAX
UNIT
19
tsu(EMIFDV-EM_CLKH)
Input setup time, read data valid on EMxD[y:0] before EMxCLK rising
2
ns
20
th(CLKH-DIV)
Input hold time, read data valid on EMxD[y:0] after EMxCLK rising
1.5
ns
7.9.9.3.2.2 EMIF Synchronous Memory Switching Characteristics
NO.
PARAMETER
MIN
MAX
UNIT
1
tc(CLK)
Cycle time, EMIF clock EMxCLK
10
ns
2
tw(CLK)
Pulse width, EMIF clock EMxCLK high or low
3
ns
3
td(CLKH-CSV)
Delay time, EMxCLK rising to EMxCS[y:2] valid
8
ns
4
toh(CLKH-CSIV)
Output hold time, EMxCLK rising to EMxCS[y:2] invalid
1
ns
5
td(CLKH-DQMV)
Delay time, EMxCLK rising to EMxDQM[y:0] valid
8
ns
6
toh(CLKH-DQMIV)
Output hold time, EMxCLK rising to EMxDQM[y:0] invalid
1
ns
7
td(CLKH-AV)
Delay time, EMxCLK rising to EMxA[y:0] and EMxBA[y:0] valid
8
ns
8
toh(CLKH-AIV)
Output hold time, EMxCLK rising to EMxA[y:0] and EMxBA[y:0] invalid
1
ns
9
td(CLKH-DV)
Delay time, EMxCLK rising to EMxD[y:0] valid
8
ns
10
toh(CLKH-DIV)
Output hold time, EMxCLK rising to EMxD[y:0] invalid
1
ns
11
td(CLKH-RASV)
Delay time, EMxCLK rising to EMxRAS valid
8
ns
12
toh(CLKH-RASIV)
Output hold time, EMxCLK rising to EMxRAS invalid
1
ns
13
td(CLKH-CASV)
Delay time, EMxCLK rising to EMxCAS valid
8
ns
14
toh(CLKH-CASIV)
Output hold time, EMxCLK rising to EMxCAS invalid
1
ns
15
td(CLKH-WEV)
Delay time, EMxCLK rising to EMxWE valid
8
ns
16
toh(CLKH-WEIV)
Output hold time, EMxCLK rising to EMxWE invalid
1
ns
17
td(CLKH-DHZ)
Delay time, EMxCLK rising to EMxD[y:0] tri-stated
8
ns
18
toh(CLKH-DLZ)
Output hold time, EMxCLK rising to EMxD[y:0] driving
1
ns
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
www.ti.com
76
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com