Electronic Components Datasheet Search
  English  ▼

X  

TMS320F28075PZP Datasheet(PDF) 44 Page - Texas Instruments

Part # TMS320F28075PZP
Description  TMS320F2807x Microcontrollers
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28075PZP Datasheet(HTML) 44 Page - Texas Instruments

Back Button TMS320F28075PZP Datasheet HTML 40Page - Texas Instruments TMS320F28075PZP Datasheet HTML 41Page - Texas Instruments TMS320F28075PZP Datasheet HTML 42Page - Texas Instruments TMS320F28075PZP Datasheet HTML 43Page - Texas Instruments TMS320F28075PZP Datasheet HTML 44Page - Texas Instruments TMS320F28075PZP Datasheet HTML 45Page - Texas Instruments TMS320F28075PZP Datasheet HTML 46Page - Texas Instruments TMS320F28075PZP Datasheet HTML 47Page - Texas Instruments TMS320F28075PZP Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 192 page
background image
7.9 System
7.9.1 Power Management
7.9.1.1 Internal 1.2-V VREG
The internal VREG is supplied by VDDIO and generates the 1.2 V required to power the VDD pins. Enable this
functionality by pulling the VREGENZ pin low to VSS. Although the internal VREG eliminates the need to use an
external power supply for VDD, decoupling capacitors are required on each VDD pin for VREG stability (see the
description of VDD in Section 6.2.1). Driving an external load with the internal VREG is not supported.
7.9.1.2 Power Sequencing
7.9.1.2.1 Signal Pin Requirements
Before powering the device, no voltage larger than 0.3 V above VDDIO can be applied to any digital pin, and no
voltage larger than 0.3 V above VDDA can be applied to any analog pin (including VREFHI).
7.9.1.2.2 VDDIO, VDDA, VDD3VFL, and VDDOSC Requirements
The 3.3-V supplies should be powered up together and kept within 0.3 V of each other during functional
operation.
7.9.1.2.3 VDD Requirements
When VREGENZ is tied to VSS, the VDD sequencing requirements are handled by the device.
When using an external source for VDD (VREGENZ tied to VDDIO), VDDOSC and VDD must be powered on and off
at the same time. VDDOSC should not be powered on when VDD is off. During the ramp, VDD should be kept no
more than 0.3 V above VDDIO.
For applications not powering VDDOSC and VDD at the same time, see the "INTOSC: VDDOSC Powered Without
VDD Can Cause INTOSC Frequency Drift" advisory in the TMS320F2807x MCUs Silicon Errata.
There is an internal 12.8-mA current source from VDD3VFL to VDD when the flash is active. When the flash is
active and the device is in a low-activity state (for example, a low-power mode), this internal current source can
cause VDD to rise to approximately 1.3 V . There will be zero current load to the external system VDD regulator
while in this condition. This is not an issue for most regulators; however, if the system voltage regulator requires
a minimum load for proper operation, then an external 82Ω resistor can be added to the board to ensure a
minimal current load on VDD. See the "Low-Power Modes: Power Down Flash or Maintain Minimum Device
Activity" advisory in the TMS320F2807x MCUs Silicon Errata.
7.9.1.2.4 Supply Ramp Rate
The supplies should ramp to full rail within 10 ms. Section 7.9.1.2.4.1 shows the supply ramp rate.
7.9.1.2.4.1 Supply Ramp Rate
MIN
MAX
UNIT
Supply ramp rate
VDDIO, VDD, VDDA, VDD3VFL, VDDOSC with respect to VSS
330
105
V/s
7.9.1.2.5 Supply Supervision
An internal power-on-reset (POR) circuit keeps the I/Os in a high-impedance state during power up. External
supply voltage supervisors (SVS) can be used to monitor the voltage on the 3.3-V and 1.2-V rails and drive XRS
low when supplies are outside operational specifications.
Note
If the supply voltage is held near the POR threshold, then the device may drive periodic resets onto
the XRS pin.
TMS320F28076, TMS320F28075
SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021
www.ti.com
44
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28076 TMS320F28075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com