Electronic Components Datasheet Search
  English  ▼

X  

LT3477 Datasheet(PDF) 4 Page - Analog Devices

Part # LT3477
Description  60V, 1.5A LED Driver with Internal Exponential Scale Dimming
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3477 Datasheet(HTML) 4 Page - Analog Devices

  LT3477 Datasheet HTML 1Page - Analog Devices LT3477 Datasheet HTML 2Page - Analog Devices LT3477 Datasheet HTML 3Page - Analog Devices LT3477 Datasheet HTML 4Page - Analog Devices LT3477 Datasheet HTML 5Page - Analog Devices LT3477 Datasheet HTML 6Page - Analog Devices LT3477 Datasheet HTML 7Page - Analog Devices LT3477 Datasheet HTML 8Page - Analog Devices LT3477 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LT3950
4
Rev. 0
For more information www.analog.com
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Do not apply a positive or negative voltage to INTVCC, PWMTG, or
RT pin, otherwise permanent damage may occur. Use these pins only as
directed in the Pin Functions and Applications Information sections.
Note 3: The LT3950E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the −40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SYNC/SPRD Threshold (Rising)
0.85
V
SYNC/SPRD Hysteresis
50
mV
SYNC/SPRD Internal Pull-Down Resistance
100
kΩ
Minimum SYNC Pulse Width
25
ns
Power Switch
RDS(ON)
ISW = 500mA
200
mΩ
Switch Current Limit
l
1.5
1.65
1.8
A
Switch Leakage Current
VSW = 60V, EN/UVLO = 0V
3
µA
External PMOS Driver
PWMTG ON (VISP – VPWMTG) Voltage
6
7.5
9
V
PWMTG OFF (VISP – VPWMTG) Voltage
0
0.3
V
Turn-on Time
CLOAD = 470pF
100
ns
Turn-off Time
CLOAD = 470pF
100
ns
Fault Detection and Reporting
LED Open Threshold
VISP – VISN = 0
VFB
– 37mV
VFB
– 23mV
VFB
– 9mV
V
FB Overvoltage Threshold
VFB
+ 60mV
VFB
+ 80mV
VFB
+ 100mV
V
FB Shorted LED Threshold
300
330
mV
Overcurrent Protection Threshold (VISP – VISN)
VISP = 60V
600
700
800
mV
FAULT Pin Pull Down Current
VFAULT = 0.2V, VFB = 1.25V
1
mA
FAULT Pin Leakage Current
VFAULT = 3V, VFB = 0.7V
–100
100
nA
Internal PWM Generator
PWM Pin Voltage for Max. Duty Ratio
1.2
V
PWM Pin Voltage for Min. Duty Ratio
0.2
V
Min. Duty Ratio
VPWM = 0.2V
0.78
%
Max. Duty Ratio
VPWM = 1.2V
100
%
PWM Pin Voltage Step per Duty Ratio Setting
7.8
mV
PWM Pin Current
PWM = 3V
–100
100
nA
PWM Clock Frequency
RP = 100k
400
Hz
Fraction of INTVCC for 10% Duty Ratio
27.2
%
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Unless otherwise noted, VIN = EN/UVLO = 12V, FAULT = 100kΩ to 12V,
ISP = ISN = 48V, SYNC/SPRD = 0V, CTRL = 1.5V, PWM = 3V, INTVCC = 1μF to GND, RT = 45.3kΩ to GND, RP = 100kΩ to GND, FB = 1V.
LT3950J is guaranteed over the −40°C to 150°C operating junction
temperature range. Operating lifetime is derated at junction temperatures
greater than 125°C.
Note 4: LED Amplifier parameters measured in a servo loop with VC.
Note 5: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. The maximum
rated junction temperature will be exceeded when this protection is active.
Continuous operation above the specified absolute maximum operating
junction temperature may impair device reliability or permanently damage
the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com