Electronic Components Datasheet Search
  English  ▼

X  

LT3477 Datasheet(PDF) 15 Page - Analog Devices

Part # LT3477
Description  60V, 1.5A LED Driver with Internal Exponential Scale Dimming
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3477 Datasheet(HTML) 15 Page - Analog Devices

Back Button LT3477 Datasheet HTML 11Page - Analog Devices LT3477 Datasheet HTML 12Page - Analog Devices LT3477 Datasheet HTML 13Page - Analog Devices LT3477 Datasheet HTML 14Page - Analog Devices LT3477 Datasheet HTML 15Page - Analog Devices LT3477 Datasheet HTML 16Page - Analog Devices LT3477 Datasheet HTML 17Page - Analog Devices LT3477 Datasheet HTML 18Page - Analog Devices LT3477 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
LT3950
15
Rev. 0
For more information www.analog.com
Synchronizing the Switching Frequency
To synchronize LT3950 to an external clock, simply drive
the SYNC/SPRD pin with that clock signal. Choose the RT
resistor such that the system’s internal clock would be
within 10% of the external clock frequency. It is best to
have the RT programmed frequency as close as possible
to the external clock frequency.
Spread Spectrum Frequency Modulation
Like all switching converters, LT3950 does produce some
electromagnetic interference (EMI). Enabling spread spec-
trum frequency modulation can significantly attenuate this
interference. Conditions such as switching frequency and
printed circuit board (PCB) geometry affect the amount
of attenuation achievable with spread spectrum frequency
modulation. A variety of industry-standard tests exist to
quantify these effects.
To enable internal spread spectrum frequency modula-
tion, tie the SYNC/SPRD pin to INTVCC. The modulating
waveform is a triangle wave with steps at the positive and
negative peaks. The modulation frequency is around 9kHz,
and the switching frequency range is from 100-125% of
the programmed value. Typical LT3950 EMI results are
shown in Figure 5.
Maximum Duty Ratio
Since LT3950 uses a switch to connect an inductor from
VIN to ground, having a duty ratio of 100% would result in
zero current flowing to the load. To prevent this situation,
the part enforces a minimum off time. During this time,
irrespective of load or demand, the switch turns off and
allows the inductor current to flow into the load. The duty
ratio can, therefore, never reach 100%. The maximum
duty ratio varies with frequency. For the same minimum
off time, a higher frequency signal will have a smaller max-
imum duty ratio. At lower frequencies in boost configura-
tion and in Continuous Conduction Mode (CCM), the part
can reach a duty ratio of 95% (that is, VISP/VIN  = 60/3, the
maximum range for the part). However at higher frequen-
cies, such as 2MHz, the part has a maximum duty ratio
of around 90%. Maximum duty ratio at any frequency in
CCM is given by the following relationship.
DMAX = 1– fSW • 50ns
APPLICATIONS INFORMATION
CISPR25 Conducted EMI Performance Current Method
CLASS 5 AVERAGE LIMIT
LT3950 SSFM ON
AMBIENT
FREQUENCY (MHz)
0.1
1
10
108
–60
–50
–40
–30
–20
–10
0
10
20
30
40
(a)
CISPR25 Conducted EMI Performance Voltage Method
CLASS 5 AVERAGE LIMIT
LT3950 SSFM ON
AMBIENT
FREQUENCY (MHz)
0.1
1
10
108
–20
–10
0
10
20
30
40
50
60
70
80
(b)
CISPR25 Radiated EMI Performance
CLASS 5 AVERAGE LIMIT
LT3950 SSFM ON
AMBIENT
FREQUENCY (MHz)
0.1
1
10
100
1000
–20
–10
0
10
20
30
40
(c)
Figure 5. LT3950 Typical EMI (VIN = 12V, VLED = 25V, ILED =
330mA, 2MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com