Electronic Components Datasheet Search
  English  ▼

X  

LT3477 Datasheet(PDF) 1 Page - Analog Devices

Part # LT3477
Description  60V, 1.5A LED Driver with Internal Exponential Scale Dimming
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3477 Datasheet(HTML) 1 Page - Analog Devices

  LT3477 Datasheet HTML 1Page - Analog Devices LT3477 Datasheet HTML 2Page - Analog Devices LT3477 Datasheet HTML 3Page - Analog Devices LT3477 Datasheet HTML 4Page - Analog Devices LT3477 Datasheet HTML 5Page - Analog Devices LT3477 Datasheet HTML 6Page - Analog Devices LT3477 Datasheet HTML 7Page - Analog Devices LT3477 Datasheet HTML 8Page - Analog Devices LT3477 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LT3950
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
60V, 1.5A LED Driver with Internal
Exponential Scale Dimming
The LT®3950 is a multitopology DC/DC converter designed
specifically to drive high current LEDs. It contains a 1.5A,
60V DMOS switch and supports an external PWM dim-
ming PMOS. The LT3950 has an internal PWM generator
for dimming that maps an analog control signal to an
exponential scale used to define PWM dimming duty ratio.
Using an exponential scale to define duty ratio preserves
dimming resolution across a wide range of LED current.
In addition to operating as a constant current source, the
LT3950 also provides output voltage regulation. This can
be used to prevent damage to the part in case of open LED
events. A programmable switching frequency offers flex-
ibility in design for higher efficiency or reduced compo-
nent size. Enabling spread spectrum frequency modula-
tion reduces EMI. The switching frequency can also easily
be synchronized by driving the SYNC/SPRD pin with an
external clock. LED current is programmed with a single
external sense resistor and can be adjusted from zero to
full-scale by an analog signal at the CTRL pin.
10W LED Driver for Automotive, 2MHz, 90% Efficient
Efficiency and Power Loss with
and without PWM Dimming
APPLICATIONS
n
Operates in Boost, SEPIC, Buck Mode and Buck-
Boost Mode
n
128:1 Internal Exponential Scale PWM Dimming
n
Wide Input Voltage Range (3V to 60V)
n
1.5A, 60V Internal Switch
n
20000:1 External PWM Dimming at 100Hz
n
±2% LED Current and Output Voltage Regulation
n
PMOS Switch Driver for PWM Dimming
n
LED Short/Open Protection and Indication
n
Constant Voltage and Constant Current Regulation
n
Adjustable 300kHz to 2MHz Switching Frequency
n
Adjustable 100Hz to 1kHz PWM Generator Frequency
n
Internal Spread Spectrum Frequency Modulation
n
Easy Synchronization to External Clock
n
Programmable VIN UVLO with Hysteresis
n
Available in 16-Lead MSOP Package
n
Display Backlighting
n
Automotive and Avionic Lighting
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. Patents, including 7199560, 7321203, 7746300, 8116045. Patents pending.
LT3950
3950 TA01a
2.2µF
1M
24.9k
FB
PWMTG
VC
PWM
INTVCC
CTRL
ISP
ISN
SW
1µF
220pF
2.2µF
10W
LED
POWER
(DERATED
BELOW
VIN = 7V)
267k
39k
FAULT
FAULT
VIN
EN/UVLO
VIN
3V TO16V DC
TRANSIENT
TO 48V
100k
100k
SYNC/SPRD RP
RT
GND
300Hz
182k
2MHz
45.3k
10µH
1
PLOSS, EFF. 10% PWM DIMMING
PLOSS 100% ON
EFFICIENCY 100% ON
EFFICIENCY (EFF.) AT
10% PWM DIMMING
VIN (V)
10 13 16 19 22 25 28 31 34 37 40
60
64
68
72
76
80
84
88
92
96
100
0.500
0.750
1.000
1.250
1.500
1.750
2.000
2.250
2.500
2.750
3.000
3950 TA01b


Similar Part No. - LT3477

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3477 LINER-LT3477 Datasheet
274Kb / 24P
PWM LED Driver and Boost, Flyback and SEPIC Controller
LT3477 LINER-LT3477 Datasheet
273Kb / 20P
3A, DC/DC Converter with Dual Rail-to-Rail Current Sense
LT3477 LINER-LT3477 Datasheet
294Kb / 20P
Full-Featured LED Driver with 1.5A Switch Current
LT3477 LINER-LT3477 Datasheet
207Kb / 20P
True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT3477 LINER-LT3477 Datasheet
274Kb / 28P
Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
More results

Similar Description - LT3477

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2756 NSC-LM2756 Datasheet
508Kb / 16P
Multi-Display Inductorless LED Driver with 32 Exponential Dimming Steps in 關SMD
LM2756_0712 NSC-LM2756_0712 Datasheet
509Kb / 16P
Multi-Display Inductorless LED Driver with 32 Exponential Dimming Steps in micro SMD
logo
Active-Semi, Inc
ACT111A ACTIVE-SEMI-ACT111A Datasheet
532Kb / 12P
4.8V to 30V Input, 1.5A LED Driver with Dimming Control
Rev 0, 14-Feb-11
ACT111A ACTIVE-SEMI-ACT111A_12 Datasheet
555Kb / 12P
4.8V to 30V Input, 1.5A LED Driver with Dimming Control
Rev 2, 22-Oct-12
ACT111A ACTIVE-SEMI-ACT111A_14 Datasheet
559Kb / 13P
4.8V to 30V Input, 1.5A LED Driver with Dimming Control
Rev 2, 22-Oct-12
logo
Texas Instruments
LM2756 TI1-LM2756 Datasheet
1Mb / 25P
Multi-Display Inductorless LED Driver with 32 Exponential Dimming Steps in micro SMD
logo
Tontek Design Technolog...
TTP933 TONTEK-TTP933 Datasheet
1Mb / 25P
1.5A LED Driver with internal switch
logo
E-CMOS Corporation
EC4304C E-CMOS-EC4304C Datasheet
591Kb / 8P
1.5A, Hysteretic, High Brightness LED Driver with Internal Switch
logo
Maxic Technology Corpor...
MT7202 MAXIC-MT7202 Datasheet
169Kb / 1P
1.5A LED driver with internal switch
logo
Analog Devices
LT8355-1 AD-LT8355-1_V01 Datasheet
4Mb / 31P
60VIN/120VOUT Dual LED Controller with Exponential PWM and Scalable Dimming
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com