Electronic Components Datasheet Search
  English  ▼

X  

LT3477 Datasheet(PDF) 8 Page - Analog Devices

Part # LT3477
Description  60V, 1.5A LED Driver with Internal Exponential Scale Dimming
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3477 Datasheet(HTML) 8 Page - Analog Devices

Back Button LT3477 Datasheet HTML 4Page - Analog Devices LT3477 Datasheet HTML 5Page - Analog Devices LT3477 Datasheet HTML 6Page - Analog Devices LT3477 Datasheet HTML 7Page - Analog Devices LT3477 Datasheet HTML 8Page - Analog Devices LT3477 Datasheet HTML 9Page - Analog Devices LT3477 Datasheet HTML 10Page - Analog Devices LT3477 Datasheet HTML 11Page - Analog Devices LT3477 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LT3950
8
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
ISP: Kelvin connect this pin to the high side of the LED
current feedback sense resistor. Current in the sense
resistor is 250mV/ RSENSE while the CTRL pin voltage
exceeds 1.2V. It varies as (CTRL – 200mV)/(4 • RSENSE)
if the voltage at the CTRL pin is between 200mV and 1.2V.
ISN: Kelvin connect this pin to the low side of the LED
current feedback sense resistor, see ISP for more details.
If the voltage difference VISP – VISN ever exceeds 700mV
(typ.), switching stops and the part re-enters soft-start.
The PWMTG pin goes high to disconnect the load, and
the part signals an overcurrent event.
FB: Output Voltage Feedback Pin. This pin is used for
output voltage regulation and limiting. Tie this pin to a
resistive voltage divider from the output voltage. When
the voltage at FB approaches 1.2V, the control loop will
reduce switch current to regulate output voltage such that
FB remains around 1.2V. If LED current falls below 10%
(typ.) of full scale while the output voltage is in regulation,
an LED Open event is signaled. If the voltage at FB exceeds
1.3V (typ.), PWMTG is driven high, switching stops, and
the device signals an overvoltage event. If the voltage at
FB falls below 300mV (typ.) after soft-start has finished,
an LED Short event is signaled at FAULT, PWMTG is driven
high, switching stops and the part re-enters soft-start. See
the Applications section for more info on the use of the
FB pin for general applications.
CTRL: Analog Alternative to PWM Dimming. Tie to INTVCC
to set RSENSE current to full scale. Current in RSENSE varies
as (CTRL – 200mV)/(4 • RSENSE) when the voltage at the
CTRL pin varies from 200mV to 1.2V.
VC: An internal error amplifier node used for compensa-
tion. Stabilize the loop by connecting a capacitor or RC
network between this pin and ground.
PWM: Pulse Width Modulation (PWM) Dimming Generator
Control Pin. Connect an analog signal to this pin to use
the internal exponential scale dimming PWM generator.
When the voltage at this pin remains between 0.2V and
1.2V, the duty ratio of the internal PWM generator will
vary with the pin voltage. A linear ramp of voltage on the
PWM pin between 0.2V and 1.2V and lasting many PWM
dimming cycles (set by RP) will result in an exponentially
increasing PWM duty ratio. An external PWM signal can
also drive this pin directly if the ON and OFF voltages are
above 1.3V and below 100mV, respectively.
SYNC/SPRD: Switch Clock Synchronize / Spread
Spectrum. Tie this pin to INTVCC to enable internal spread
spectrum frequency modulation. An external clock can
also drive this pin to synchronize switching. Choose RT
such that the LT3950 clock would be close to the external
clock, then drive this pin with that clock.
INTVCC: Voltage Supply Used by Internal Circuitry. Tie a
1µF capacitor between this pin and ground. This pin is
sometimes used as a reference voltage for other pins,
however this pin is not intended for use as a power source
for external loads, and connecting it to any external load
may interfere with operation of the system. It is not
recommended to connect INTVCC except as directed to
LT3950.
RT: Connect a resistor between this pin and ground to set
the switching frequency. Do not connect anything other
than a resistor to this pin or the system may not function
correctly.
RP: Connect a resistor between this pin and ground to set
the PWM dimming generator frequency. Connect this pin
to INTVCC to synchronize the PWM dimming clock to the
switching clock (fPWM = fSW/4096).
FAULT: Open-Drain Fault Indication Pin Indicating Short
LED, Open LED, Overvoltage and Overcurrent Faults. Tie
this pin through a 100k resistor to VIN or INTVCC, or use
it as an open drain signal. LT3950 pulls this pin low to
signal all reported fault events.
EN/UVLO: Enable/Undervoltage Lockout . When the volt-
age at this pin falls below 1.25V (typ.), with approximately



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com