Electronic Components Datasheet Search
  English  ▼

X  

LT3477 Datasheet(PDF) 9 Page - Analog Devices

Part # LT3477
Description  60V, 1.5A LED Driver with Internal Exponential Scale Dimming
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3477 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT3477 Datasheet HTML 5Page - Analog Devices LT3477 Datasheet HTML 6Page - Analog Devices LT3477 Datasheet HTML 7Page - Analog Devices LT3477 Datasheet HTML 8Page - Analog Devices LT3477 Datasheet HTML 9Page - Analog Devices LT3477 Datasheet HTML 10Page - Analog Devices LT3477 Datasheet HTML 11Page - Analog Devices LT3477 Datasheet HTML 12Page - Analog Devices LT3477 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LT3950
9
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
32mV of hysteresis when returning over 1.25V, switching
stops and the part shuts down. Drive this pin high with
a logic level greater than 1.4V or low with a logic level
below 1V for simple ON/OFF functionality, or tie it through
a resistive voltage divider to VIN for a precise input under-
voltage shutdown threshold.
VIN: Input Supply Pin. Must be locally bypassed.
PWMTG: High Side Gate Driver for External Series PMOS
Switch. This pin is used to disconnect the load for PWM
dimming as well as fault events. PWMTG drives the PMOS
gate between VISP and VISP – 7.5V (typ.) to cut off the
flow of residual charge from the output capacitor when
the load should be disconnected, as well as to prevent the
long transient that would result from needing to recharge
the output capacitor at the end of a long PWM off period.
Leave open if unused. The voltage at PWMTG is limited
to 7.5V (typ.) below the voltage at ISP to protect the gate
of the PMOS switch.
SW: Switch Pin. See PCB recommendations in the
Applications section for details on reducing EMI.
GND (Exposed Pad): This is the ground connection. Must
be soldered to PCB ground for the device to work.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com