Electronic Components Datasheet Search
  English  ▼

X  

LT3477 Datasheet(PDF) 19 Page - Analog Devices

Part # LT3477
Description  60V, 1.5A LED Driver with Internal Exponential Scale Dimming
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3477 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT3477 Datasheet HTML 15Page - Analog Devices LT3477 Datasheet HTML 16Page - Analog Devices LT3477 Datasheet HTML 17Page - Analog Devices LT3477 Datasheet HTML 18Page - Analog Devices LT3477 Datasheet HTML 19Page - Analog Devices LT3477 Datasheet HTML 20Page - Analog Devices LT3477 Datasheet HTML 21Page - Analog Devices LT3477 Datasheet HTML 22Page - Analog Devices LT3477 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
LT3950
19
Rev. 0
For more information www.analog.com
Excepting LED Open, all reported faults will result in inter-
ruption of switching. The Short LED and Overcurrent
faults trigger a cooldown period, after which the system
will enter soft-start as if it had just been turned on via the
EN/UVLO pin. Upon successful completion of the soft-
start process with no faults, the FAULT signal will be de-
asserted. During soft-start, the PWM Dimming logic low
state is ignored for both internal and external PWM until
soft start is complete or current in the LED reaches 10%
of full scale value.
Table 6.
CONDITION (TYP.)
TYPE OF FAULT
FB Pin >1.3V
Overvoltage
1.17V < FB pin < 1.3V and VISP-ISN < 25mV
Open LED
FB pin < 300mV
Short LED
VISP-ISN > ~700mV
Overcurrent
Soft Start
To prevent a surge of current at start-up, LT3950 uses
an internal soft-start. This feature affects both current
limit and switching frequency. At start-up, the system will
switch at around 40% fSW with near zero current limit. As
the clock runs, both constraints relax, leading to normal
operation after ~1800 • TSW(NOM). Note that this process
does not take 1800 cycles to complete, rather the above
number takes into account the reduction in clock fre-
quency enforced by the soft-start feature. In total, 1,024
cycles are spent in soft-start, with fSW adjustments every
16 cycles.
The cooldown period triggered by certain faults dis-
cussed in the LED Faults Section lasts for at least
32,768 • TSW(NOM). At the end of the cooldown period,
the system attempts to start again, and enters soft-start
as if it had just been powered on for the first time.
Regardless of whether it is the first-time soft-start or a
soft-start resulting from a fault condition, the LT3950 will
wait until the first PWM dimming pulse arrives before
beginning to power on the system. This PWM pulse can
be from an external source or from the internal dimming
PWM generator. At the arrival of the first PWM pulse,
soft-start begins and operation continues until the system
has reached steady state. Until the system either finishes
APPLICATIONS INFORMATION
soft-start or observes at least 10% of full-scale current
flowing through the sense resistor, the PWM low logic
state is ignored and the part runs continuously. If any
fault condition caused the part to re-enter soft-start, the
FAULT pin will remain asserted until the part successfully
completes the soft-start process.
Figure 8. LED Short Hiccup Mode
IL (500mA/DIV)
ILED (500mA/DIV)
TIME (ms)
–2.6 –0.6 1.4 3.4 5.3 7.3 9.3 11.3 13.3 15.3 17.3
3950 F08
Using the EN/UVLO Pin
The EN/UVLO pin offers two modes of operation. First, it
can be driven high (above 1.4V) or low (below 1V) to act
as an enable pin, turning the part on and off. In addition to
this, the pin can also be used to create an accurate exter-
nal under voltage lockout (UVLO). To use this feature,
connect the EN/UVLO pin to a resistive voltage divider
from the VIN pin to ground. Select resistors to program
the desired minimum VIN value for operation.
VIN FALLING
(
) =1.25V • 1+
RUV1
RUV2
⎛
⎝⎜
⎞
⎠⎟
VIN RISING
(
) =1.28V • 1+
RUV1
RUV2
⎛
⎝⎜
⎞
⎠⎟
+2µA •RUV1
Figure 9.
LT3950
3950 F09
RUV1
RUV2
EN/UVLO
VIN
Programming VIN Undervoltage Setpoint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com