Electronic Components Datasheet Search
  English  ▼

X  

LT3477 Datasheet(PDF) 10 Page - Analog Devices

Part # LT3477
Description  60V, 1.5A LED Driver with Internal Exponential Scale Dimming
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3477 Datasheet(HTML) 10 Page - Analog Devices

Back Button LT3477 Datasheet HTML 6Page - Analog Devices LT3477 Datasheet HTML 7Page - Analog Devices LT3477 Datasheet HTML 8Page - Analog Devices LT3477 Datasheet HTML 9Page - Analog Devices LT3477 Datasheet HTML 10Page - Analog Devices LT3477 Datasheet HTML 11Page - Analog Devices LT3477 Datasheet HTML 12Page - Analog Devices LT3477 Datasheet HTML 13Page - Analog Devices LT3477 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LT3950
10
Rev. 0
For more information www.analog.com
R
ISP
ISN
SW
SW
FB
VC
CTRL
SYNC/SPRD
RT
GND
C/10
OC
RP
3950 BD
+
–
1.2V
VIN
PWMTG
LED
ARRAY
PWMTG
+
–
0.2V
+
–
1.3V
1.2V
FBOV
FBOC
FBOK
1.2V
+
–
0.3V
+
–
+
–
700mV
+
–
+
–
+
–
1.25V
1.2V
EN
+
–
PWM
INTVCC
VIN
EN/UVLO
FAULT
LOG
SCALE
SLOPE COMP
PWM OSCILLATOR
300Hz TO 1kHz
300kHz TO 2MHz
OSCILLATOR
=
COUNT
OVRFW
SOFT-START
AND
FAULT LOGIC
+
–
+–
25mV
+–
+
Q
R
S
Q
R
S
ADC
VIN
FAULT
+
–
1V
+
–
1V
PWM
VISP
VISP – 7V
4R
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com