Electronic Components Datasheet Search
  English  ▼

X  

LT3477 Datasheet(PDF) 26 Page - Analog Devices

Part # LT3477
Description  60V, 1.5A LED Driver with Internal Exponential Scale Dimming
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3477 Datasheet(HTML) 26 Page - Analog Devices

Back Button LT3477 Datasheet HTML 18Page - Analog Devices LT3477 Datasheet HTML 19Page - Analog Devices LT3477 Datasheet HTML 20Page - Analog Devices LT3477 Datasheet HTML 21Page - Analog Devices LT3477 Datasheet HTML 22Page - Analog Devices LT3477 Datasheet HTML 23Page - Analog Devices LT3477 Datasheet HTML 24Page - Analog Devices LT3477 Datasheet HTML 25Page - Analog Devices LT3477 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
LT3950
26
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2020
10/20
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER DESCRIPTION
COMMENTS
LT3517
Full-Featured LED Driver with 1.5A Switch
Current
1.5A, 45V Internal Switch, 5000:1 True Color PWM Dimming, 100mV High-Side Current
Sense, Open LED Protection
LT3518
Full-Featured LED Driver with 2.3A Switch
Current
2.3A, 45V Internal Switch, 3000:1 True Color PWM Dimming, 100mV High-Side Current
Sense, Open LED Protection
LT3922
36V, 2A Synchronous Step-Up LED Driver
±2% Current Regulation Accuracy, 5000:1 PWM Dimming, 128:1 Internal PWM,
Silent Switcher® Architecture for Low EMI
LT3761
60VIN LED Controller with Internal PWM
Generator
4.5V to 60V Input, Rail-to-Rail Current Sense 0V to 80V, 3000:1 True Color PWM, ±3%
Current Regulation Accuracy
LT3952
60V LED Driver with 4A Switch Current
4A, 60V Internal DMOS Switch, 4000:1 True Color PWM Dimming, 0V to 60V Output
Current Regulation with Monitor
LT3477
3A DC/DC Converter with Dual Rail-to-Rail
Current Sense
Dual 100mV Rail-to-Rail Current Sense Amplifiers, 2.5V to 25V Input Voltage, 3A, 42V
Internal Switch
100%
10%
LT3950
3950 TA06a
2.2µF
390k
10k
FB
PWMTG
RP
PWM
INTVCC
VC
CTRL
RP
ISP
ISN
SW
1µF
220pF
2.2µF
8W
LED POWER
(DERATED BELOW
VIN = 6V)
267k
FAULT
FAULT
VIN
EN/UVLO
VIN
6V TO 16V
100k
100k
100k
100k
100k
L1: WURTH 74437321022
D1: DIODES INC. DFLS260Q
M1: VISHAY SI7309
36k
SYNC/SPRD
RT
GND
180k
300Hz
GND
45.3k
2MHz
L1
2.2µH
D1
0.5
m1
2MHz, 8W and 0.8W Input Boost LED Driver
Startup Using Always-On Input
Startup Using 10% Dimming Input
VIN AT 5V/DIV
ILED AT 200mA/DIV
TIME AT 2MS/DIV
3950 TA06b
VIN AT 5V/DIV
ILED AT 200mA/DIV
TIME AT 2MS/DIV
3950 TA06c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com