Electronic Components Datasheet Search
  English  ▼

X  

LT3477 Datasheet(PDF) 12 Page - Analog Devices

Part # LT3477
Description  60V, 1.5A LED Driver with Internal Exponential Scale Dimming
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3477 Datasheet(HTML) 12 Page - Analog Devices

Back Button LT3477 Datasheet HTML 8Page - Analog Devices LT3477 Datasheet HTML 9Page - Analog Devices LT3477 Datasheet HTML 10Page - Analog Devices LT3477 Datasheet HTML 11Page - Analog Devices LT3477 Datasheet HTML 12Page - Analog Devices LT3477 Datasheet HTML 13Page - Analog Devices LT3477 Datasheet HTML 14Page - Analog Devices LT3477 Datasheet HTML 15Page - Analog Devices LT3477 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
LT3950
12
Rev. 0
For more information www.analog.com
Introduction
LT3950 provides a variety of features to enable a wide
range of application options. Due to the small package
size and pin count, many pins perform more than one
function. The simplest LT3950 application is realizable in
only a few off-chip components and with very few design
choices on the part of the user. To fully utilize the capabil-
ity of the part, however, requires a good understanding
of how the individual features play together. The detailed
explanations of each feature below along with several
example application circuits will help with developing a
good understanding of the part.
Programming the LED Current
Full-scale current through the LED string is easily pro-
grammed using a single resistor (RSENSE) connected in
series with the LED string. The sense resistor should be
placed on the high side of the LED string, and Kelvin con-
nected to sense pins ISP and ISN. The loop will regulate
a drop of 250mV across this sense resistor, scaled by
the voltage at the CTRL pin, discussed later. A half-Watt
resistor will usually be sufficient. Since the loop regulates
the voltage across RSENSE, typical full-scale load current
(IFS) is defined as
IFS =
1
4RSENSE
A
For the best performance and protection, sense at the
highest potential in the LED string, and tie the source of
the external PWM dimming PMOS to ISN. More details
on the PWM dimming PMOS will be discussed later.
Note that the loop is able to regulate LED current down
to ISP  = 0V, but a ground sensing configuration is not
desirable. For more information see the Low Voltage
(SEPIC) Startup section.
Adjusting LED Current with the CTRL Pin
The CTRL pin provides an analog alternative to PWM dim-
ming. The value of the voltage regulated across the sense
resistor can be adjusted with the CTRL pin. As the voltage
present at this pin varies from 200mV to 1.2V, the regu-
lated voltage drop across the sense resistor varies from
0V to 250mV. The system will supply no current if the
APPLICATIONS INFORMATION
CTRL pin voltage falls below 200mV, and will continue to
supply full-scale current after the voltage at the CTRL pin
exceeds 1.2V, all the way up to INTVCC. Total LED current
(ILED), taking the effects of the CTRL pin into account is
then:
ILED =
VCTRL – 0.2V
4RSENSE
A, 0.2V < VCTRL ≤ 1.2V
Note the CTRL pin can also be used for PWM by driving it
with a digital signal whose low value is below 100mV and
whose high value is above 1.3V. This technique for PWM
dimming will not allow very high frequency PWM signals.
The frequency of PWM driving the CTRL pin should be
below 1kHz. For higher frequency PWM, use the PWM pin,
discussed later. A graphical depiction of the full range of
CTRL pin voltage appears below.
Figure 1. VISP-ISN vs CTRL Pin Voltage
VCTRL (V)
0
0.4
0.8
1.2
1.6
2.0
–50
0
50
100
150
200
250
300
3950 F01
Setting the Output Regulation Voltage
In addition to output current regulation, LT3950 can also
provide output voltage regulation. The loop will go into
voltage regulation mode when the voltage at the FB pin
approaches 1.2V. Regulating output voltage will reduce
LED current below its programmed value. Voltage regula-
tion mode is primarily included as a safety feature, allow-
ing the part to gracefully manage Open LED and similar
events.
To set the output regulation voltage, connect a resistive
voltage divider from the output voltage to FB as shown
below. Choose RFB1 and RFB2 to set the output voltage:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com