Electronic Components Datasheet Search
  English  ▼

X  

LT3477 Datasheet(PDF) 24 Page - Analog Devices

Part # LT3477
Description  60V, 1.5A LED Driver with Internal Exponential Scale Dimming
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3477 Datasheet(HTML) 24 Page - Analog Devices

Back Button LT3477 Datasheet HTML 18Page - Analog Devices LT3477 Datasheet HTML 19Page - Analog Devices LT3477 Datasheet HTML 20Page - Analog Devices LT3477 Datasheet HTML 21Page - Analog Devices LT3477 Datasheet HTML 22Page - Analog Devices LT3477 Datasheet HTML 23Page - Analog Devices LT3477 Datasheet HTML 24Page - Analog Devices LT3477 Datasheet HTML 25Page - Analog Devices LT3477 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
LT3950
24
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
100k
47k
28k
15.4k
499k
LT3950
3950 TA05
4.7µF
0.1µF
1M
10k
SW
ISP
ISN PWMTG
4.7µF
LED ARRAY
VIN
EN/UVLO
L1
68µH
250m
INTVCC
FB
PWM
INTVCC
RP
VC
301k
400kHz
FAULT
GND
RT
FAULT
1µF
220pF
SYNC/SPRD
INTVCC
VIN
45V TO
58V
1A
D1
M1
L1: WURTH 744 373 49680
D1: DIODES INC. DFLS260
M1: VISHAY SI7309
CTRL
36W Buck-Mode LED Driver
Efficiency
ILED = 1A
ILED = 1A
ILED = 0.5A
ILED = 1A
VIN (V)
45 46.5 48 49.5 51 52.5 54 55.5 57 58.5 60
80
82
84
86
88
90
92
94
96
98
100
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
3950 TA05b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com