Electronic Components Datasheet Search
  English  ▼

X  

MAX1997 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1997
Description  Quintuple/Triple-Output TFT LCD Power Supplies with Fault Protection and VCOM Buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1997 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1997 Datasheet HTML 4Page - Maxim Integrated Products MAX1997 Datasheet HTML 5Page - Maxim Integrated Products MAX1997 Datasheet HTML 6Page - Maxim Integrated Products MAX1997 Datasheet HTML 7Page - Maxim Integrated Products MAX1997 Datasheet HTML 8Page - Maxim Integrated Products MAX1997 Datasheet HTML 9Page - Maxim Integrated Products MAX1997 Datasheet HTML 10Page - Maxim Integrated Products MAX1997 Datasheet HTML 11Page - Maxim Integrated Products MAX1997 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Quintuple/Triple-Output TFT LCD Power Supplies
with Fault Protection and VCOM Buffer
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Circuit of Figure 1, VIN = 3.3V, VMAIN = 9V, VG_ON = 20V, VG_OFF = -7V, VLOGIC = 2.5V, VGAMMA = 8.6V, TA = +25
°C,
unless otherwise noted.)
STEP-UP REGULATOR LOAD TRANSIENT RESPONSE
(WITH LAG COMPENSATION, FIGURE 9)
MAX1997 toc08
10
µs/div
B
A
C
0.5A
200mA
0
1A
8.9V
9V
0
A: IMAIN = 0 TO 200mA, 200mA/div
B: VMAIN = 9V, 50mV/div, AC-COUPLED
C: INDUCTOR CURRENT, 500mA/div
R7 = 76.8k
Ω, R8 = 12.1kΩ, R10 = 1.5kΩ, C10 = 470pF
STEP-UP REGULATOR LOAD TRANSIENT RESPONSE
(2
µs PULSES)
(WITHOUT LAG COMPENSATION, FIGURE 1)
MAX1997 toc09
4
µs/div
B
A
C
1A
1A
0
2A
8.9V
9V
50mA
A: IMAIN = 50mA TO 1A, 1A/div
B: VMAIN = 9V, 100mV/div, AC-COUPLED
C: INDUCTOR CURRENT, 1A/div
STEP-UP REGULATOR LOAD TRANSIENT RESPONSE
(2
µs PULSES)
(WITH LAG COMPENSATION, FIGURE 9)
MAX1997 toc10
10
µs/div
B
A
C
1A
1A
0
2A
8.9V
9V
50mA
A: IMAIN = 50mA TO 1A, 1A/div
B: VMAIN = 9V, 100mV/div, AC-COUPLED
C: INDUCTOR CURRENT, 1A/div
R7 = 76.8k
Ω, R8 = 12.1kΩ, R10 = 1.5kΩ, C10 = 470pF
STEP-UP REGULATOR SOFT-START
MAX1997 toc11
1ms/div
B
A
C
5V
5V
0
10V
0
5V
0
A: VSHDN, 5V/div
B: VGATE, 5V/div
C: VDRAIN, 5V/div
D: VMAIN, 5V/div
D
5V
0
POWER-UP SEQUENCE
MAX1997 toc12
4ms/div
B
A
C
0
10V
-10V
0
10V
20V
0
A: VMAIN, 10V/div
B: VSOURCE, 10V/div
C: VGATE_ON, 10V/div
D: VGATE_OFF, 10V/div
VONN < VONP < VON2
D
10V
0
POWER-UP SEQUENCE
MAX1997 toc13
4ms/div
B
A
C
0
10V
-10V
0
10V
20V
0
A: VMAIN, 10V/div
B: VSOURCE, 10V/div
C: VGATE_ON, 10V/div
D: VGATE_OFF, 10V/div
VONN > VONP > VON2
D
10V
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com