Electronic Components Datasheet Search
  English  ▼

X  

MAX1997 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX1997
Description  Quintuple/Triple-Output TFT LCD Power Supplies with Fault Protection and VCOM Buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1997 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX1997 Datasheet HTML 16Page - Maxim Integrated Products MAX1997 Datasheet HTML 17Page - Maxim Integrated Products MAX1997 Datasheet HTML 18Page - Maxim Integrated Products MAX1997 Datasheet HTML 19Page - Maxim Integrated Products MAX1997 Datasheet HTML 20Page - Maxim Integrated Products MAX1997 Datasheet HTML 21Page - Maxim Integrated Products MAX1997 Datasheet HTML 22Page - Maxim Integrated Products MAX1997 Datasheet HTML 23Page - Maxim Integrated Products MAX1997 Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Quintuple/Triple-Output TFT LCD Power Supplies
with Fault Protection and VCOM Buffer
20
______________________________________________________________________________________
Input Overcurrent Protection
The high-side overcurrent comparator of the
MAX1997/MAX1998 provides input overcurrent protec-
tion when it is used together with the external P-channel
MOSFET switch P1 (Figure 1). Connect resistive volt-
age-dividers from the source and drain of P1 to GND to
set the overcurrent threshold. The center taps of the
dividers are connected to the overcurrent comparator
inputs (OCN and OCP). See Setting the Input
Overcurrent Threshold section for information on calcu-
lating the resistor values. An overcurrent event acti-
vates the fault-protection circuitry. (See the Fault
Protection section.)
Fault Protection
During steady-state operation, if the output of the main
regulator or any of the linear-regulator outputs is below
its respective fault detection threshold, or an input over-
current condition occurs, the MAX1997/MAX1998 acti-
vate an internal fault timer (Figure 8). If any condition or
the combination of conditions indicates a continuous
fault for the fault timer duration (see Table 3), the
MAX1997/MAX1998 set the fault latch, shutting down
all the outputs except the reference and the oscillator.
The fault detection circuit is disabled during the soft-
start time of each regulator. Once the fault condition is
removed, toggle SHDN (below 0.4V) or cycle the input
voltage (below 2.2V) to clear the fault latch and reacti-
vate the device.
Thermal Shutdown
The thermal shutdown feature limits total power dissipa-
tion in the MAX1997/MAX1998. If the junction tempera-
ture TJ exceeds +160
°C, a thermal sensor immediately
activates the fault protection (Figure 2) and sets the
fault latch, which shuts down all the outputs except the
reference, allowing the device to cool down. Once the
device cools down by at least 15
°C, the fault latch can
be cleared to reactivate the device. Toggling SHDN
(below 0.4V) or cycling the input voltage (below 2.2V)
clears the fault latch.
Design Procedure
Main Step-Up Regulator
Output Voltage Selection
Set the output voltage by connecting a resistive volt-
age-divider from the output (VMAIN) to GND with the
center tap connected to FB (see Figure 1). Select R8 to
be 1.5k
Ω or less for optimized transient response. For
higher efficiency, increase R8 to 12k
Ω and add lag
compensation. (See the Feedback Compensation sec-
tion.) Calculate R7 with the following equation:
R7 = R8 [(VMAIN / VFB) - 1]
where VFB = 1.242V - (D x 20mV) and
D
≈ (VMAIN - VIN) / VMAIN.
For example, if VIN = 3V and D
≈ 0.66, then VFB =
1.229V.
Choosing 1.21k
Ω for R8, R7 is 7.65kΩ. Use 7.68kΩ for
R7. VMAIN can range from VIN to 13V.
Inductor Selection
The minimum inductance value, peak current rating,
series resistance, and size are factors to consider when
selecting the inductor. These factors influence the con-
verter’s efficiency, maximum output load capability, tran-
sient response time, and output voltage ripple. For a
switching frequency of 1.5MHz, use values between
1.8µH and 4.7µH. For a switching frequency of 750kHz,
use values between 3.3µH and 8.2µH. For a switching
frequency of 375kHz, use values between 6.8µH and
15µH.
FREQ PIN
PFLT PIN*
FAULT TIMER DURATION (CLOCK CYCLES)
FAULT TIMER DURATION (ms)
GND
GND
2
13
21.8
Unconnected
GND
2
14
21.8
IN
GND
2
15
21.8
GND
Unconnected
2
14
43.6
Unconnected
Unconnected
2
15
43.6
IN
Unconnected
2
16
43.6
GND
IN**
2
15
87.2
Unconnected
IN**
2
16
87.2
IN
IN**
2
17
87.2
Table 3. Fault Timer Duration
*For MAX1997 only.
**The MAX1998 has PFLT internally connected high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com