Electronic Components Datasheet Search
  English  ▼

X  

MAX1997 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX1997
Description  Quintuple/Triple-Output TFT LCD Power Supplies with Fault Protection and VCOM Buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1997 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX1997 Datasheet HTML 18Page - Maxim Integrated Products MAX1997 Datasheet HTML 19Page - Maxim Integrated Products MAX1997 Datasheet HTML 20Page - Maxim Integrated Products MAX1997 Datasheet HTML 21Page - Maxim Integrated Products MAX1997 Datasheet HTML 22Page - Maxim Integrated Products MAX1997 Datasheet HTML 23Page - Maxim Integrated Products MAX1997 Datasheet HTML 24Page - Maxim Integrated Products MAX1997 Datasheet HTML 25Page - Maxim Integrated Products MAX1997 Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Quintuple/Triple-Output TFT LCD Power Supplies
with Fault Protection and VCOM Buffer
22
______________________________________________________________________________________
Output Capacitor
The output capacitor affects the circuit’s stability and
output-voltage ripple. A 15µF ceramic capacitor works
well in most 1.5MHz applications. Depending on the
output capacitor chosen, feedback compensation may
be required or desirable to increase the loop phase
margin or increase the loop bandwidth for transient
response. (See the Feedback Compensation section.)
The total output-voltage ripple has three components:
the inductive ripple caused by the capacitor’s equivalent
series inductance (ESL), the ohmic ripple due to the
capacitor’s equivalent series resistance (ESR), and the
capacitive ripple caused by the charging and discharg-
ing of the output capacitance. Since the ESL is usually
very small, the inductive ripple can be neglected:
where IPEAK is the peak inductor current. (See the
Inductor Selection section.) For ceramic capacitors, the
output voltage ripple is typically dominated by VRIP-
PLE(C). The voltage rating and temperature characteris-
tics of the output capacitor must also be considered.
Feedback Compensation
Feedback compensation is not needed for the excellent
stability and fast transient response of Figure 1’s circuit.
However, lead or lag compensation can be useful to
compensate for layout issues, or optimize the transient
response for various output capacitor or inductor values.
The loop stability of a current-mode step-up regulator can
be analyzed by using a small-signal model. In continuous
conduction mode, the loop gain transfer function consists
of a DC loop gain, a dominant pole, a right-half-plane
(RHP) zero, and an ESR zero. In the case of ceramic out-
put capacitors, the ESR zero is at very high frequency
and can be ignored. For stable operation, place the domi-
nant pole at a low enough frequency to ensure that the
loop gain reaches unity well before the RHP zero, prefer-
ably below one-third of the RHP zero frequency fZ_RHP.
The frequency of the dominant pole is:
where RL is the load resistance and C is the output
capacitance; the frequency of the RHP zero is:
where D is the duty cycle and L is the inductance; and
the DC gain is given by:
where RCS is the 20m
Ω internal equivalent current-
sense resistor, and R7 and R8 are the feedback divider
resistors in Figure 9.
Adding lead compensation (an RC network from VMAIN to
FB) increases the loop bandwidth, which can increase
the speed of response to transients. Too much speed
can destabilize the loop and is not needed or recom-
mended for Figure 1’s components.
Lead compensation adds a zero-pole pair, providing
gain at higher frequencies and increasing loop band-
width. The frequencies of the zero and pole for lead
compensation depend on the feedback divider resistors
and the RC network between VMAIN and FB (Figure 9).
A2
R
DC
CS
L
=×
+
× −
×


0
8
78
1
log
()
R
RR
D
R
fZ_RHP
L
=
−
(
)
1
2
2
D
R
L
π
f
1
P_DOMINANT
L
=
2
πRC
VV
V
VI
R
a
V
I
C
V- V
Vf
RIPPLE
RIPPLE(ESR)
RIPPLE(C)
RIPPLE(ESR)
PEAK ESR(COUT)
RIPPLE(C)
MAIN
OUT
MAIN
IN
MAIN OSC
=+
≈
≈


,nd
Figure 9. External Compensation
VMAIN
VIN
R10
R8
R9
RL
C9
LX
FB
GND
PGND
D1
C10
C
R7
D
L
MAX1997
MAX1998



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com