Electronic Components Datasheet Search
  English  ▼

X  

MAX1997 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1997
Description  Quintuple/Triple-Output TFT LCD Power Supplies with Fault Protection and VCOM Buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1997 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1997 Datasheet HTML 1Page - Maxim Integrated Products MAX1997 Datasheet HTML 2Page - Maxim Integrated Products MAX1997 Datasheet HTML 3Page - Maxim Integrated Products MAX1997 Datasheet HTML 4Page - Maxim Integrated Products MAX1997 Datasheet HTML 5Page - Maxim Integrated Products MAX1997 Datasheet HTML 6Page - Maxim Integrated Products MAX1997 Datasheet HTML 7Page - Maxim Integrated Products MAX1997 Datasheet HTML 8Page - Maxim Integrated Products MAX1997 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
General Description
The MAX1997/MAX1998 provide the voltages required for
active-matrix, thin-film transistor liquid-crystal displays
(TFT LCDs). Both combine a high-performance step-up
regulator with two linear-regulator controllers, input pro-
tection switch control, and flexible sequence program-
ming. The MAX1997 contains two additional linear-
regulator controllers and a VCOM buffer. The MAX1997/
MAX1998 can operate from input supplies of 2.7V to 5.5V
and feature multiple levels of protection circuitry, making
them complete power-supply systems for displays.
The main DC-DC converter provides the regulated supply
voltage for the display’s source-driver ICs. The converter
is a high-frequency (up to 1.5MHz) step-up regulator with
an integrated 14V N-channel MOSFET that allows the use
of ultra-small inductors and ceramic capacitors while
achieving efficiencies over 85%. Its current-mode control
architecture provides fast transient response to pulsed
loads. Internal soft-start and cycle-by-cycle current limit
help prevent input surge currents.
The positive and negative linear-regulator controllers
postregulate charge-pump outputs for TFT gate-on and
gate-off supplies. Both linear-regulator controllers, as well
as the step-up regulator, have supply-sequencing control
inputs. The three outputs can be sequenced in any order
by selecting the appropriate external components.
The MAX1997 features a high-current backplane driver
(VCOM). This buffer provides peak currents exceeding
300mA (typ) and requires only a 0.47µF output filter
capacitor. The MAX1997’s two additional linear-regulator
controllers can be used to build the gamma reference
voltage and a logic supply.
The MAX1997/MAX1998 have a unique input switch con-
trol that can replace the typical input supply fuse. When a
fault is detected, the regulator is disconnected from the
input supply. The fault detector monitors all the regulated
output voltages and the current from the input supply. In
addition, the MAX1997/MAX1998 enter shutdown when
the internal over-temperature threshold is reached.
The MAX1997 is available in a 32-pin thin QFN package
and the MAX1998 is available in a 20-pin thin QFN pack-
age. Both packages have a maximum thickness of
0.8mm suitable for ultra-thin LCD panels.
Applications
Notebook Computer Displays
LCD Monitors
Car Navigation Displays
Features
o 2.7V to 5.5V Input Supply Range
o Adjustable (Up to +13V) Output Voltage for
Source-Driver ICs
o Integrated High-Efficiency Power MOSFET
o Linear-Regulator Controllers for TFT Gate-On and
Gate-Off Supplies
o High-Current VCOM Buffer (MAX1997 Only)
o Two Additional Linear-Regulator Controllers
(MAX1997 Only)
o Programmable Power-Up Sequencing
o Multiple Overload Protection with Thermal
Shutdown
o 1µA Shutdown Current
o 32-Pin/20-Pin Thin QFN Packages
Quintuple/Triple-Output TFT LCD Power Supplies
with Fault Protection and VCOM Buffer
________________________________________________________________ Maxim Integrated Products
1
19-2638; Rev 0; 10/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
MAX1997ETJ
-40
°C to +85°C 32 Thin QFN 5mm x 5mm
MAX1998ETP
-40
°C to +85°C 20 Thin QFN 5mm x 5mm
FB
FBP
DRVP
LX
ON2
ONP
ONN
CT
PGND
TGNDA
TOP VIEW
13
12
11
14
15
4
3
2
1
5
MAX1998
THIN QFN 5mm
× 5mm
Pin Configurations
Pin Configurations continued at end of data sheet.


Similar Part No. - MAX1997

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX199 MAXIM-MAX199 Datasheet
165Kb / 16P
Multi-Range (짹4V, 짹2V, 4V, 2V), 5V Supply, 12-Bit DAS with 84 Bus Interface
19-0401; Rev 0; 6/95
MAX199 MAXIM-MAX199 Datasheet
199Kb / 14P
Convenient Test Points Provided On-Board
Rev 1; 7/95
MAX1992 MAXIM-MAX1992 Datasheet
543Kb / 36P
Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages
Rev 0; 10/02
MAX1992 MAXIM-MAX1992 Datasheet
643Kb / 36P
Quick-PWM Step-Down Controllers
Rev 1; 9/05
MAX1992ETG MAXIM-MAX1992ETG Datasheet
543Kb / 36P
Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages
Rev 0; 10/02
More results

Similar Description - MAX1997

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1864 MAXIM-MAX1864 Datasheet
384Kb / 25P
xDSL/Cable Modem Triple/Quintuple Output Power Supplies
Rev 0; 4/01
MAX1889 MAXIM-MAX1889 Datasheet
796Kb / 32P
Triple-Output TFT LCD Power Supply with Fault Protection
logo
Texas Instruments
TPS65100 TI-TPS65100 Datasheet
816Kb / 25P
TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100 TI-TPS65100_07 Datasheet
1Mb / 32P
TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100-Q1 TI1-TPS65100-Q1 Datasheet
594Kb / 27P
TRIPLE-OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
logo
Torex Semiconductor
XC9516 TOREX-XC9516 Datasheet
1Mb / 26P
Triple Output Power Supply for TFT-LCD
logo
Global Mixed-mode Techn...
G1612 GMT-G1612 Datasheet
122Kb / 1P
Programmable Vcom Buffer with NVM for TFT LCD
logo
Maxim Integrated Produc...
MAX25220 MAXIM-MAX25220 Datasheet
722Kb / 55P
Automotive 4-Channel TFT-LCD Power Supply with VCOM Buffer
Rev 4; 11/20
logo
Renesas Technology Corp
ISL98665 RENESAS-ISL98665 Datasheet
1Mb / 23P
TFT-LCD Supplies DVR VCOM Amplifier
June 27, 2013
VPA2000 RENESAS-VPA2000 Datasheet
1Mb / 25P
TFT-LCD Power Supply with VCOM Amplifier
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com