Electronic Components Datasheet Search
  English  ▼

X  

MAX1997 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1997
Description  Quintuple/Triple-Output TFT LCD Power Supplies with Fault Protection and VCOM Buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1997 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1997 Datasheet HTML 1Page - Maxim Integrated Products MAX1997 Datasheet HTML 2Page - Maxim Integrated Products MAX1997 Datasheet HTML 3Page - Maxim Integrated Products MAX1997 Datasheet HTML 4Page - Maxim Integrated Products MAX1997 Datasheet HTML 5Page - Maxim Integrated Products MAX1997 Datasheet HTML 6Page - Maxim Integrated Products MAX1997 Datasheet HTML 7Page - Maxim Integrated Products MAX1997 Datasheet HTML 8Page - Maxim Integrated Products MAX1997 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Quintuple/Triple-Output TFT LCD Power Supplies
with Fault Protection and VCOM Buffer
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS
(VIN = 3V, VDDB = 10V, SHDN = ONDC = FREQ = IN, CREF = 0.22µF, PGND = GND, TA = -40°C to +85°C, unless otherwise noted.)
(Note 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IN Supply Range
2.7
5.5
V
VIN rising
2.5
2.9
IN Undervoltage Lockout Threshold
350mV typ
hysteresis
VIN falling
2.2
2.5
V
VFB = VFBP = VFB1 = VFB2 = 1.5V, VFBN = 0
(MAX1997 only)
1.25
IN Quiescent Current (Note 1)
VFB = VFBP = 1.5V, VFBN = 0 (MAX1998 only)
1
mA
-2µA < IREF < 50µA
1.223
1.270
REF Output Voltage
-2µA < IREF < 75µA
1.218
1.280
V
OVERCURRENT COMPARATOR
Input Offset Voltage
VOCN = VOCP = 1.5V to 0.8V
× VIN
-5
+5
mV
Input Bias Current
VOCN = VOCP = 0.8V
× VIN
-50
+50
nA
OCN, OCP Input Common-Mode Range
1.5
0.8
×
VIN
V
MAIN STEP-UP REGULATOR
Output Voltage Range
VIN
13
V
FREQ = IN
1
2
FREQ unconnected
0.563
0.937
Operating Frequency
FREQ = GND
0.25
0.50
MHz
Oscillator Maximum Duty Cycle
78
92
%
FB Regulation Voltage
ILX = 200mA
1.215
1.260
V
FB Fault Trip Level
VFB falling
0.96
1.04
V
FB Input Bias Current
VFB = 1.5V
-100
+100
nA
LX On-Resistance
450
m
Ω
LX Current Limit
1.6
2.8
A
POSITIVE LINEAR-REGULATOR CONTROLLERS (REG P, REG 1, AND REG 2)
IDRVP = 100µA
IDRV1 = 1350µA (MAX1997 only)
FB_ Regulation Voltage
IDRV2 = 335µA (MAX1997 only)
1.213
1.288
V
FB_ Fault Trip Level
VFB_ falling
0.96
1.04
V
VDRVP = 10V, IDRVP = 0.05mA to 1mA
VDRV1 = 10V, IDRV1 = 0.5mA to 5mA
(MAX1997 only)
FB_ Effective Load Regulation Error
(Transconductance)
VDRV2 = 10V, IDRV2 = 0.1mA to 2mA
(MAX1997 only)
-2.5
%
DRVP Sink Current
1
DRV1 Sink Current (MAX1997 Only)
5
DRV2 Sink Current (MAX1997 Only)
VFB_ = 1.1V, VDRV_ = 10V
5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com