Electronic Components Datasheet Search
  English  ▼

X  

MAX1997 Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX1997
Description  Quintuple/Triple-Output TFT LCD Power Supplies with Fault Protection and VCOM Buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1997 Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX1997 Datasheet HTML 13Page - Maxim Integrated Products MAX1997 Datasheet HTML 14Page - Maxim Integrated Products MAX1997 Datasheet HTML 15Page - Maxim Integrated Products MAX1997 Datasheet HTML 16Page - Maxim Integrated Products MAX1997 Datasheet HTML 17Page - Maxim Integrated Products MAX1997 Datasheet HTML 18Page - Maxim Integrated Products MAX1997 Datasheet HTML 19Page - Maxim Integrated Products MAX1997 Datasheet HTML 20Page - Maxim Integrated Products MAX1997 Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
Quintuple/Triple-Output TFT LCD Power Supplies
with Fault Protection and VCOM Buffer
______________________________________________________________________________________
17
Positive Linear-Regulator
Controller, REG P
The positive linear-regulator controller is an analog gain
block with an open-drain N-channel output. It drives an
external PNP pass transistor with a 6.8k
Ω base-to-emitter
resistor (Figure 1). Its guaranteed base drive sink current
is at least 2mA. The regulator is designed to deliver 20mA
with an output capacitor of 1µF.
REG P is enabled when SHDN is high, the gate to the
input P-channel MOSFET is low, ONDC is high, VCT >
VONP, and the soft-start of the main step-up regulator is
complete. (See the Power-Up Sequencing and Inrush
Current Control section.) Each time it is enabled, the
regulator goes through a soft-start routine that ramps
up its reference input.
Note that the voltage rating of the DRVP output is 28V. If
higher voltages are present, an external cascode NPN
transistor should be used with the emitter connected to
DRVP, the base to VMAIN, and the collector to the base
of the PNP (Figure 4).
REG P is typically used to provide the TFT LCD gate
driver’s gate-on voltage. A sufficient voltage can be
produced using a charge-pump circuit as shown in
Figure 1. Use as many stages as necessary to obtain
the required output voltage. (See the Selecting the
Number of Charge-Pump Stages section.)
Negative Linear-Regulator
Controller, REG N
The negative linear-regulator controller is an analog
gain block with an open-drain P-channel output. It dri-
ves an external NPN pass transistor with a 6.8k
Ω
base-to-emitter resistor (Figure 1). Its guaranteed base
drive source current is at least 2mA. The regulator is
designed to deliver 20mA with an output capacitor of
0.47µF.
REG N is enabled when SHDN is high, the gate to the
input P-channel MOSFET is low, ONDC is high, and
VCT > V ONN (see the Power-Up Sequencing and Inrush
Current Control section). Each time it is enabled, the
regulator goes through a soft-start routine that ramps
down its reference input.
Note that the voltage rating of the DRVN output is
VIN - 28V. If lower voltages are present, an external
cascode PNP transistor should be used with the emitter
connected to DRVN, the base to GND, and the collec-
tor to the base of the NPN (Figure 5).
REG N is typically used to provide the TFT LCD gate
driver’s gate-off voltage. A negative voltage can be pro-
duced using a charge-pump circuit as shown in Figure
1. Use as many stages as necessary to obtain the
required output voltage. (See the Selecting the Number
of Charge-Pump Stages section.)
Linear-Regulator Controller, REG 1
(MAX1997 Only)
The linear-regulator controller REG 1 is an analog gain
block with an open-drain N-channel output. It drives an
external PNP pass transistor with a 510
Ω base-to-emitter
resistor (Figure 1). Its guaranteed base-drive sink current
is at least 5mA. The regulator is designed to deliver
300mA with an output capacitor of 10µF.
REG 1 is enabled when SHDN is high and the gate to
the input P-channel MOSFET is low. (See the Power-Up
Sequencing and Inrush Current Control section.) Each
time it is enabled, the regulator goes through a soft-
start routine that ramps up its reference input. REG 1 is
typically used to provide the TFT LCD timing
controller’s logic supply.
Figure 4. Using Cascode NPN for Output Voltages > 28V
VP
VMAIN
VG_ON
DRVP
FBP
PNP PASS
TRANSISTOR
NPN CASCODE
TRANSISTOR
Figure 5. Using Cascode PNP for Output Voltages < VIN - 28V
VN
VG_OFF
DRVN
FBN
REF
NPN PASS
TRANSISTOR
PNP CASCODE
TRANSISTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com