Electronic Components Datasheet Search
  English  ▼

X  

MAX1997 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1997
Description  Quintuple/Triple-Output TFT LCD Power Supplies with Fault Protection and VCOM Buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1997 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1997 Datasheet HTML 5Page - Maxim Integrated Products MAX1997 Datasheet HTML 6Page - Maxim Integrated Products MAX1997 Datasheet HTML 7Page - Maxim Integrated Products MAX1997 Datasheet HTML 8Page - Maxim Integrated Products MAX1997 Datasheet HTML 9Page - Maxim Integrated Products MAX1997 Datasheet HTML 10Page - Maxim Integrated Products MAX1997 Datasheet HTML 11Page - Maxim Integrated Products MAX1997 Datasheet HTML 12Page - Maxim Integrated Products MAX1997 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Quintuple/Triple-Output TFT LCD Power Supplies
with Fault Protection and VCOM Buffer
_______________________________________________________________________________________
9
Typical Operating Characteristics (continued)
(Circuit of Figure 1, VIN = 3.3V, VMAIN = 9V, VG_ON = 20V, VG_OFF = -7V, VLOGIC = 2.5V, VGAMMA = 8.6V, TA = +25
°C,
unless otherwise noted.)
REG P (GATE-ON VOLTAGE)
LOAD REGULATION
LOAD CURRENT (mA)
1
-0.20
-0.15
-0.10
-0.05
0
-0.25
0.1
10
REG N (GATE-OFF VOLTAGE)
LOAD REGULATION
LOAD CURRENT (mA)
1
-0.32
-0.24
-0.16
-0.08
0
-0.40
0.1
10
REG 1 (LOGIC SUPPLY)
LOAD REGULATION
LOAD CURRENT (mA)
-0.8
-0.6
-0.4
-0.2
0
-1.0
1
1000
100
10
REG 2 (GAMMA REFERENCE)
LOAD REGULATION
LOAD CURRENT (mA)
1
-0.16
-0.12
-0.08
-0.04
0
-0.20
0.1
10
REG 1 (LOGIC SUPPLY)
LOAD TRANSIENT RESPONSE
MAX1997 toc18
40
µs/div
B
A
2.49V
300mA
2.5V
0
100mA
200mA
A: LOAD CURRENT, 0 TO 250mA, 100mA/div
B: VLOGIC = 2.5V, 10mV/div, AC-COUPLED
REG 2 (GAMMA REFERENCE)
VMAIN TRANSIENT REJECTION
MAX1997 toc19
4
µs/div
B
A
8.8V
20V
8.58V
8.60V
8.62V
0
A: VLX, 20V/div
B: VGAMMA = 8.6V, 20mV/div, AC-COUPLED
C: VMAIN = 9V, 200mV/div, AC-COUPLED
D: IMAIN = 0 TO 1A, 1A/div
0
1A
9.0V
D
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com