Electronic Components Datasheet Search
  English  ▼

X  

MAX1997 Datasheet(PDF) 26 Page - Maxim Integrated Products

Part # MAX1997
Description  Quintuple/Triple-Output TFT LCD Power Supplies with Fault Protection and VCOM Buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1997 Datasheet(HTML) 26 Page - Maxim Integrated Products

Back Button MAX1997 Datasheet HTML 22Page - Maxim Integrated Products MAX1997 Datasheet HTML 23Page - Maxim Integrated Products MAX1997 Datasheet HTML 24Page - Maxim Integrated Products MAX1997 Datasheet HTML 25Page - Maxim Integrated Products MAX1997 Datasheet HTML 26Page - Maxim Integrated Products MAX1997 Datasheet HTML 27Page - Maxim Integrated Products MAX1997 Datasheet HTML 28Page - Maxim Integrated Products MAX1997 Datasheet HTML 29Page - Maxim Integrated Products MAX1997 Datasheet HTML 30Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
Quintuple/Triple-Output TFT LCD Power Supplies
with Fault Protection and VCOM Buffer
26
______________________________________________________________________________________
Flying Capacitors
Increasing the flying capacitor (CX) value increases the
output current capability. Increasing the capacitance
indefinitely has a negligible effect on output current
capability because the internal switch resistance and
the diode impedance limit the source impedance. A
0.1µF ceramic capacitor works well in most low-current
applications. The flying capacitor’s voltage rating must
exceed the following:
VCX > N ✕ VMAIN
where N is the stage number in which the flying capaci-
tor appears, and VMAIN is the main output voltage. For
example, the two-stage positive charge pump in the
typical application circuit (Figure 1) where VMAIN = 9V
contains two flying capacitors. The flying capacitor in
the first stage (C25) requires a voltage rating greater
than 9V. The flying capacitor in the second stage (C24)
requires a voltage rating greater than 18V.
Charge-Pump Output Capacitor
Increasing the output capacitance or decreasing the
ESR reduces the output ripple voltage and the peak-to-
peak transient voltage. With ceramic capacitors, the
output voltage ripple is dominated by the capacitance
value. Use the following equation to approximate the
required capacitor value:
where VRIPPLE is the peak-to-peak value of the output
ripple.
Charge-Pump Rectifier Diodes
Use Schottky diodes with a current rating equal to or
greater than two times the average charge-pump input
current. If the loaded charge-pump output voltage is
greater than required, some or all of the Schottky
diodes can be replaced with low-cost silicon switching
diodes with an equivalent current rating. The charge-
pump input current is:
ICP_IN = ICP_OUT ✕ N
where N is the number of charge-pump stages.
Linear-Regulator Controllers
Output Voltage Selection
Adjust the positive linear-regulator (REG P) output volt-
age by connecting a resistive voltage-divider from
VG_ON to GND with the center tap connected to FBP
(Figure 1). Select R20 in the range of 10k
Ω to 30kΩ.
Calculate R19 with the following equation:
R19 = R20 [(VG_ON / VFBP) - 1]
where VFBP = 1.25V.
The output voltages of linear regulators REG 1 and
REG 2 can be similarly adjusted.
Adjust the negative linear-regulator (REG N) output
voltage by connecting a resistive voltage-divider from
VG_OFF to REF with the center tap connected to FBN
(Figure 1). Select R17 in the range of 10k
Ω to 30kΩ.
Calculate R16 with the following equation:
R16 = R17 [(VFBN - VG_OFF) / (VREF - VFBN)]
where VFBN = 125mV, VREF = 1.25V. REF can source
up to 75µA, using a resistor greater than 17k
Ω for R17
leaves at least 10µA for other uses.
Pass Transistor Selection
The pass transistor must meet specifications for current
gain (
β), input capacitance, collector-emitter saturation
voltage, and power dissipation. The transistor’s current
gain limits the guaranteed maximum output current to:
where IDRV is the minimum guaranteed base drive cur-
rent, VBE is the base-to-emitter voltage of the transistor,
and RBE is the pullup resistor connected between the
transistor’s base and emitter. Furthermore, the transis-
tor’s current gain increases the linear regulator’s DC
loop gain (see the Stability Requirements section), so
excessive gain destabilizes the output. Therefore, tran-
sistors with current gain over 100 at the maximum out-
put current can be difficult to stabilize and are not
recommended. The transistor’s input capacitance and
input resistance also create a second pole, which
could be low enough to make the output unstable when
heavily loaded.
The transistor’s saturation voltage at the maximum out-
put current determines the minimum input-to-output
voltage differential that the linear regulator supports.
Alternatively, the package’s power dissipation could
limit the usable maximum input-to-output voltage differ-
ential. The maximum power dissipation capability of the
transistor’s package and mounting must exceed the
actual power dissipation in the device. The power dissi-
pation equals the maximum load current times the max-
imum input-to-output voltage differential:
P = ILOAD(MAX) (VLDOIN - VLDOOUT) = ILOAD(MAX) VCE
II
V
R
LOAD(MAX)
DRV
BE
BE
MIN
=


−
β
C
I
V
OUT
LOAD
OSC RIPPLE
≥
2f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com