Electronic Components Datasheet Search
  English  ▼

X  

MAX1997 Datasheet(PDF) 27 Page - Maxim Integrated Products

Part # MAX1997
Description  Quintuple/Triple-Output TFT LCD Power Supplies with Fault Protection and VCOM Buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1997 Datasheet(HTML) 27 Page - Maxim Integrated Products

Back Button MAX1997 Datasheet HTML 23Page - Maxim Integrated Products MAX1997 Datasheet HTML 24Page - Maxim Integrated Products MAX1997 Datasheet HTML 25Page - Maxim Integrated Products MAX1997 Datasheet HTML 26Page - Maxim Integrated Products MAX1997 Datasheet HTML 27Page - Maxim Integrated Products MAX1997 Datasheet HTML 28Page - Maxim Integrated Products MAX1997 Datasheet HTML 29Page - Maxim Integrated Products MAX1997 Datasheet HTML 30Page - Maxim Integrated Products MAX1997 Datasheet HTML 31Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
Quintuple/Triple-Output TFT LCD Power Supplies
with Fault Protection and VCOM Buffer
______________________________________________________________________________________
27
Stability Requirements
The MAX1997/MAX1998 linear-regulator controllers use
an internal transconductance amplifier to drive an
external pass transistor. The transconductance amplifi-
er, the pass transistor, the base-emitter resistor, and
the output capacitor determine the loop stability.
The transconductance amplifier regulates the output
voltage by controlling the pass transistor’s base cur-
rent. The total DC loop gain is approximately:
where VT is 26mV at room temperature, hFE is the pass
transistor’s DC current gain, and IBIAS is the current
through the base-to-emitter resistor (RBE). Each of the
four linear-regulator controllers is designed for a differ-
ent maximum output current so they have different out-
put drive currents and different bias currents (IBIAS).
Each controller’s bias current can be found in the
Electrical Characteristics. The current listed in the
Conditions column for the FB_ Regulation Voltage
specification is the individual controller’s bias current.
The base-to-emitter resistor for each controller should
be chosen to set the correct IBIAS:
The output capacitor and the load resistance create the
dominant pole in the system. However, the internal
amplifier delay, the pass transistor’s input capacitance,
and the stray capacitance at the feedback node create
additional poles in the system, and the output capacitor’s
ESR generates a zero. For proper operation, use the
following steps to ensure the linear regulator stability:
1) First, calculate the dominant pole set by the linear
regulator’s output capacitor and the load resistor:
where CLDO is the output capacitance of the LDO
and RLOAD is the load resistance corresponding to
the maximum load current.
The unity gain crossover of the linear regulator is:
fCROSSOVER = AV(LDO)fPOLE(LDO)
2) The pole caused by the internal amplifier delay is at
about 1MHz:
fPOLE(AMP)
≅ 1MHz
3) Next, calculate the pole set by the transistor’s input
capacitance, the transistor’s input resistance, and
the base-to-emitter pullup resistor:
Because RBE is much greater than RIN, the above
equation can be simplified:
where gm is the transconductance of the pass tran-
sistor, and fT is the transition frequency. Both para-
meters can be found in the transistor’s data sheet.
Therefore, the equation can be further simplified:
4) Next, calculate the pole set by the linear regulator’s
feedback resistance and the capacitance between
FB_ and GND (approximately 5pF including stray
capacitance):
and
5) Next, calculate the zero caused by the output
capacitor’s ESR:
where RESR is the equivalent series resistance of
CLDO.
f
CR
ESR ZERO
LDO ESR
_
=
1
2
π
f
CR
R
POLE FB
N
FB
()_
(||
)
=
1
216
17
π
f
CR
R
f
CR
R
f
CR
R
POLE FB
P
FB
POLE FB
FB
POLE FB
FB
()_
()_
()_
(||
)
(||
)
(||
)
=
=
=
1
219
20
1
288
99
1
211
12
1
2
π
π
π
f
f
POLE(CIN)
T
=
hFE
f
1
C
g
h
g
POLE(CIN)
II
m
I
FE
m
≈
=
==
2
2
π
π
π
CR
f
RR
NN
IN
T
N
f
1
I)
POLE(CIN)
BE
IN
=
2
πCN R
R
II
(
f
1
POLE(LDO)
LDO LOAD
=
2
πCR
R
V
BE
BE
BIAS
=
I
A
4
V
h
I
V
V(LDO)
T
BIAS FE
LOAD
REF
=


+


1
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com