Electronic Components Datasheet Search
  English  ▼

X  

MAX1997 Datasheet(PDF) 25 Page - Maxim Integrated Products

Part # MAX1997
Description  Quintuple/Triple-Output TFT LCD Power Supplies with Fault Protection and VCOM Buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1997 Datasheet(HTML) 25 Page - Maxim Integrated Products

Back Button MAX1997 Datasheet HTML 21Page - Maxim Integrated Products MAX1997 Datasheet HTML 22Page - Maxim Integrated Products MAX1997 Datasheet HTML 23Page - Maxim Integrated Products MAX1997 Datasheet HTML 24Page - Maxim Integrated Products MAX1997 Datasheet HTML 25Page - Maxim Integrated Products MAX1997 Datasheet HTML 26Page - Maxim Integrated Products MAX1997 Datasheet HTML 27Page - Maxim Integrated Products MAX1997 Datasheet HTML 28Page - Maxim Integrated Products MAX1997 Datasheet HTML 29Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
Quintuple/Triple-Output TFT LCD Power Supplies
with Fault Protection and VCOM Buffer
______________________________________________________________________________________
25
After including the effects of resistor tolerance, com-
parator offset, and input voltage variation, the minimum
input overcurrent threshold equation is:
where VIN(MIN) is the minimum expected value of the
input voltage,
ε is the tolerance of the resistors, and 5mV
is the worst-case input offset voltage of the comparator.
To simplify the equation, define a constant (k) as follows:
The minimum threshold equation becomes:
Solving for R4/R5 yields:
The R4/R5 ratio guarantees the required minimum level
for IL(MAX). The typical overcurrent threshold is given by:
The following example shows how to apply the above
equations in the design. If 1% resistors are used, then
ε = 0.01. To set VOCP to be around 75% of VIN, select
R2 = 51.1k
Ω and R3 = 150kΩ. Assume that the mini-
mum input voltage is 2.7V and the typical input voltage
is 3.3V, the average inductor current at maximum load
is 1.25A, and the maximum RDS(ON) of P1 is 100m
Ω:
If R5 =150k
Ω, then R4 = 39.2kΩ. The typical overcur-
rent threshold is:
Charge Pumps
Selecting the Number of Charge-Pump Stages
For highest efficiency, always choose the lowest num-
ber of charge-pump stages that meet the output
requirement. The number of positive charge-pump
stages is given by:
where NPOS is the number of positive charge-pump
stages, VG_ON is the positive linear-regulator (REG P)
output, VMAIN is the main step-up regulator output, VD
is the forward voltage drop of the charge-pump diode,
and VDROPOUT is the dropout margin for the linear reg-
ulator. Use VDROPOUT = 2V.
The number of negative charge-pump stages is given by:
where NNEG is the number of negative charge-pump
stages, VG_OFF is the negative linear-regulator (REG N)
output, VMAIN is the main step-up regulator output, VD
is the forward-voltage drop of the charge-pump diode,
and VDROPOUT is the dropout margin for the linear reg-
ulator. Use VDROPOUT = 2V.
The above equations are derived based on the
assumption that the first stage of the positive charge
pump is connected to VMAIN and the first stage of the
negative charge pump is connected to ground.
Sometimes fractional stages are more desirable for bet-
ter efficiency. This can be done by connecting the first
stage to VIN or another available supply. If the first
charge-pump stage is powered from VIN, then the
above equations become:
N
V+ V
- V
V
-
V
N
-V+ V
+ V
V
-
V
POS
G_ON
DROPOUT
IN
MAIN
D
NEG
G_OFF
DROPOUT
IN
MAIN
D
=
×
=
×
2
2
N
-V+ V
V
-
V
NEG
G_OFF
DROPOUT
MAIN
D
=
×
2
N
V+ V
- V
V
-
V
POS
G_ON
DROPOUT
MAIN
MAIN
D
=
×
2
I
3.3V
0.047
-
1
(39.2k +1
)
(51.1k +1
)
TH_TYP =×
×
×
 =
Ω
ΩΩ
Ω
ΩΩ
Ω
1
50
50
150
50
415
.A
R4
R5
2.7V - 1.25A 0.1
2.7V
-
=×
×
×
+×
+
=
0 9802
150
150
0 9802 51 1
0 005
1
0 2637
.
..
.
.
Ω
Ω
ΩΩ
k
V
k
==
1 - 0.01
1 + 0.01
0 9802
.
I
V
R
-
R3
(R4 +R5)
R5
(R2+R3)
TH_TYP
IN(TYP)
DS(TYP)
=×
×
×
1
R4
R5
V
- I
V
-
IN(MIN)
L(MAX)
DS(MAX)
IN(MIN)
=×
×
+×
+
k
R
R
Rk
R
mV
3
32
5
1
VV
-
IR
IN(MIN)
IN(MIN)
L(MAX)
DS(MAX)
×
×+
+=
××
×
+×
R
kR
R
mV
kR
Rk
R
3
23
5
5
45
(
)
k
= +
+
1
1
ε
ε
V
V- I
R
IN(MIN)
IN(MIN)
L(MAX)
DS(MAX)
×
×+
×+
+
×
+
+
=×
×
×+
×+
+
×
+
R
RR
mV
R
RR
31
21
31
5
51
41
5
1
()
()
()
(
)
()
()
()
ε
εε
ε
εε



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com