Electronic Components Datasheet Search
  English  ▼

X  

MAX1997 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX1997
Description  Quintuple/Triple-Output TFT LCD Power Supplies with Fault Protection and VCOM Buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1997 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX1997 Datasheet HTML 11Page - Maxim Integrated Products MAX1997 Datasheet HTML 12Page - Maxim Integrated Products MAX1997 Datasheet HTML 13Page - Maxim Integrated Products MAX1997 Datasheet HTML 14Page - Maxim Integrated Products MAX1997 Datasheet HTML 15Page - Maxim Integrated Products MAX1997 Datasheet HTML 16Page - Maxim Integrated Products MAX1997 Datasheet HTML 17Page - Maxim Integrated Products MAX1997 Datasheet HTML 18Page - Maxim Integrated Products MAX1997 Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
Quintuple/Triple-Output TFT LCD Power Supplies
with Fault Protection and VCOM Buffer
______________________________________________________________________________________
15
Standard Application Circuit
The standard application circuit (Figure 1) of the
MAX1997 is a complete power-supply system for TFT
liquid-crystal displays. The circuit generates 9V for source
drivers, +20V and -7V for gate drivers, a 2.5V logic supply
for the timing controller, a 8.6V gamma reference voltage,
and a VCOM buffer. The input voltage range is from 2.7V
to 5.5V. Table 1 lists the selected component options and
Table 2 lists the component suppliers.
Detailed Description
The MAX1997 and MAX1998 contain a high-perfor-
mance step-up switching regulator, two low-cost linear-
regulator controllers, and multiple levels of protection
circuitry. The MAX1997 also includes two additional lin-
ear-regulator controllers and a high-current VCOM
buffer. Figure 2 shows the MAX1997/MAX1998 system
functional diagram. The output voltage of the main
step-up regulator (VMAIN) can be set from VIN to 13V
with an external resistive voltage-divider. High switch-
ing frequency (375kHz/750kHz/1.5MHz) and current-
mode control provide fast transient response and allow
the use of low-profile inductors and ceramic capacitors.
The low RDS(ON) internal power MOSFET minimizes the
external component count and achieves high efficiency
using a lossless current-sense architecture.
Two charge pumps take energy from the main step-up
regulator’s switching node (LX) to generate positive and
negative supplies. Additional capacitor and diode stages
can be used to generate supply voltages greater than
+35V and less than -15V. The positive and negative
linear-regulator controllers postregulate the charge-pump
supply voltages and allow users to program the power-up
sequence as well.
The high-current VCOM buffer of the MAX1997 is ideal for
driving the backplane of a TFT LCD panel. It requires only
a 0.47µF ceramic output capacitor for stability. The
MAX1997’s two additional linear-regulator controllers can
be used to build the gamma reference and logic supply.
The unique input switch control of the MAX1997/
MAX1998 senses the current drawn from the input
power supply by monitoring the voltage drop across
the input P-channel MOSFET. The protection MOSFET
and all regulator outputs latch off if an overcurrent
condition lasts for more than the fault timer period.
Table 1. Selected Component List
DESIGNATION
DESCRIPTION
C2, C13
10µF, 6.3V X5R ceramic capacitors (1206), TDK C3216X5R0J106M
C4, C5, C6
4.7µF, 10V X7R ceramic capacitors (1210), Taiyo Yuden LMK352BJ475MF
D1
1.0A, 30V Schottky diode (S-flat), Toshiba CRS02
D2, D3, D4
200mA, 25V dual-series Schottky diodes (SOT23), Fairchild BAT54S
D5, D6
200mA, 75V diode (SOT23), Fairchild MMBD4148
L1
3.0µH, 1.3A inductor, Sumida CLS5D11HP-3R0NC
N1
1.9A, 30V N-channel MOSFET (SuperSOT™-3), Fairchild FDN357P
P1
2.4A, 20V P-channel MOSFET (SuperSOT-3), Fairchild FDN304P
Q1
3A, 25V PNP bipolar transistor (SuperSOT-3), Fairchild FSB749
Q2, Q3
200mA, 40V PNP bipolar transistors (SOT23), Fairchild MMBT3906
Q4
200mA, 40V NPN bipolar transistor (SOT23), Fairchild MMBT3904
SUPPLIER
PHONE
FAX
WEBSITE
Fairchild
408-822-2000
408-822-2102
www.fairchildsemi.com
Sumida
847-545-6700
847-545-6720
www.sumida.com
Taiyo Yuden
800-348-2496
847-925-0899
www.t-yuden.com
TDK
847-803-6100
847-390-4405
www.component.tdk.com
Toshiba
949-455-2000
949-859-3963
www.toshiba.com
Table 2. Component Suppliers
SuperSOT is a trademark of Fairchild Semiconductor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com