Electronic Components Datasheet Search
  English  ▼

X  

MAX1997 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1997
Description  Quintuple/Triple-Output TFT LCD Power Supplies with Fault Protection and VCOM Buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1997 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1997 Datasheet HTML 7Page - Maxim Integrated Products MAX1997 Datasheet HTML 8Page - Maxim Integrated Products MAX1997 Datasheet HTML 9Page - Maxim Integrated Products MAX1997 Datasheet HTML 10Page - Maxim Integrated Products MAX1997 Datasheet HTML 11Page - Maxim Integrated Products MAX1997 Datasheet HTML 12Page - Maxim Integrated Products MAX1997 Datasheet HTML 13Page - Maxim Integrated Products MAX1997 Datasheet HTML 14Page - Maxim Integrated Products MAX1997 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Quintuple/Triple-Output TFT LCD Power Supplies
with Fault Protection and VCOM Buffer
______________________________________________________________________________________
11
PIN
MAX1997
MAX1998
NAME
FUNCTION
4
—
FB1
Logic Linear-Regulator (REG 1) Feedback Input. FB1 regulates at 1.25V nominal. Connect
FB1 to the center tap of a resistive voltage-divider between the REG 1 output and the analog
ground (GND) to set the output voltage. Place the resistive voltage-divider close to the pin.
52
CT
Sequence Timing Control Input. Connect a capacitor from this pin to GND. This timing
capacitor controls the turn-on of REG P, REG N, REG 2, and DRVA. The sequence timing
block is enabled, together with the main step-up regulator, when ONDC goes high. Then an
internal 5µA current source charges the timing capacitor from 0V to VIN, which sets the turn-
on delay. A discharge switch keeps CT at GND when the sequence timing block is disabled.
(See the Power-Up Sequencing and Inrush Current Control section.)
63
ONN
Gate-Off Linear-Regulator (REG N) Sequence Control Input. REG N is enabled when SHDN is
high, the gate to the input P-channel MOSFET is low, ONDC is high, and VCT > V ONN. (See
the Power-Up Sequencing and Inrush Current Control section.)
74
ONP
Gate-On Linear-Regulator (REG P) Sequence Control Input. REG P is enabled when SHDN is
high, the gate to the input P-channel MOSFET is low, ONDC is high, and VCT > V ONP. (See
the Power-Up Sequencing and Inrush Current Control section.)
85
ON2
Gamma Linear-Regulator (REG 2) Sequence Control Input. REG 2 is enabled when SHDN is
high, the gate to the input P-channel MOSFET is low, ONDC is high, and VCT > V ON2. ON2
also controls the DRVA open-drain output, which is typically used to turn on an N-channel
MOSFET between the step-up regulator output and the source driver ICs’ supply pins. (See
the Power-Up Sequencing and Inrush Current Control section.)
9
6
DRVN
Gate-Off Linear-Regulator (REG N) Base Drive. Open drain of an internal P-channel MOSFET.
Connect DRVN to the base of an external NPN linear regulator pass transistor. (See the Pass
Transistor Selection section.)
10
7
FBN
Gate-Off Linear-Regulator (REG N) Feedback Input. FBN regulates to 125mV nominal. Connect
FBN to the center tap of a resistive voltage-divider between the REG N output and the reference
voltage (REF) to set the output voltage. Place the resistive voltage-divider close to the pin.
11
8
DRVA
Open-Drain Sequence Output. The DRVA open-drain output is controlled by ON2. DRVA is
typically used to turn on an N-channel MOSFET between the step-up regulator output and the
source-driver ICs’ supply pins. DRVA is high impedance when SHDN is high, the gate to the
input P-channel MOSFET is low, ONDC is high, and VCT > V ON2. Otherwise, DRVA connects
to ground. (See the Power-Up Sequencing and Inrush Current Control section.)
12
9
REF
Internal Reference Bypass Terminal. Connect a 0.22µF ceramic capacitor from REF to the
analog ground (GND). External load capability is at least 75µA.
13
10
GND
Analog Ground.
14
—
FBNB
VCOM Buffer Inverting Input. (See the VCOM Buffer section.)
15
—
OUTB
VCOM Buffer Output. Requires a minimum 0.47µF ceramic filter capacitor to GND. Place the
capacitor as close as possible to OUTB.
16
—
VDDB
VCOM Buffer Supply Input. Bypass to GND with a 0.47µF capacitor as close as possible to
the pin.
17
—
FBPB
VCOM Buffer Noninverting Input. (See the VCOM Buffer section.)
18
—
FB2
Gamma Linear-Regulator (REG 2) Feedback Input. FBP regulates to 1.25V nominal. Connect
FB2 to the center tap of a resistive voltage-divider between the REG 2 output and the analog
ground (GND) to set the output voltage. Place the divider close to the pin.
Pin Description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com