Electronic Components Datasheet Search
  English  ▼

X  

LTM8045 Datasheet(PDF) 50 Page - Analog Devices

Part # LTM8045
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8045 Datasheet(HTML) 50 Page - Analog Devices

Back Button LTM8045 Datasheet HTML 46Page - Analog Devices LTM8045 Datasheet HTML 47Page - Analog Devices LTM8045 Datasheet HTML 48Page - Analog Devices LTM8045 Datasheet HTML 49Page - Analog Devices LTM8045 Datasheet HTML 50Page - Analog Devices LTM8045 Datasheet HTML 51Page - Analog Devices LTM8045 Datasheet HTML 52Page - Analog Devices LTM8045 Datasheet HTML 53Page - Analog Devices LTM8045 Datasheet HTML 54Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 50 / 54 page
background image
LTM4655
50
Rev. 0
For more information www.analog.com
Figure 50. Concurrent ±12V Output DC/DC μModule Regulator
TYPICAL APPLICATIONS
LOAD1
LOAD2
12VOUT,
UP TO 4A
COUTH1
22µF
×2
RfSET2
124k
CD2
4.7 F
CINH2
4.7 F
VIN
13V TO 28V
RfSET1
124k
CD1
4.7 F
CINH1
4.7 F
RISET1
240k
RISET2
240k || 10k
(RISET2 = RISET1 || RTRACK)
RPGDFB1
95.3k
100k
RCLKSET
84.5k
REXTVCC1
49.9
4655 F50
CEXTVCC1
1 F
5VOUT,
UP TO 25mA
RTH1
499
CTH1
10nF
COUTH2
47µF
×2
REXTVCC2
49.9
CEXTVCC2
1 F
RPGDFB2
95.3k
–12VOUT,
UP TO 2.9A
RTRACK
10k
CDGND2
4.7 F
LDOOUT
LDOOUT
VIN1
VD1
CLKIN1
CLKOUT1
SVIN1
COMP1b
COMP1a
fSET1
RUN1
VINREG1
SVINF1
SVINF2
LDOIN
VIN2
SVIN2
VD2
CLKIN2
CLKOUT2
COMP2b
COMP2a
fSET2
RUN2
VINREG2
INTVCC2
MOD
GND
ISET1b
ISET1a
ISET2b ISET2a
TEMP+
TEMP–
IMON2b
IMON2a
VOUT2–
EXTVCC2
SVOUT2–
VOUT1+
SW1
SW2
NC
VOUT1–
VOSNS1+
SVOUT1–
PGOOD1
PGDFB1
EXTVCC1
IMON1b
IMON1a
CLKSET
LDOOUT
VOUT2+
VOSNS2+
INTVCC1
LTM4655
INTVCC1
INTVCC2
INTVCC1
100k
PGOOD2
PGDFB2
INTVCC2
Figure 51. Dual 4A, 12V and 5V Output DC/DC μModule Regulator
RTH2
499
CTH2
10nF
LOAD1
LOAD2
12VOUT,
UP TO 4A
COUTH1
22µF
×2
RfSET2
124k
CD2
4.7 F
CINH2
4.7 F
VIN
13V TO 40V
RfSET1
124k
CD1
4.7 F
CINH1
4.7 F
RISET1
240k
RISET2
100k
RPGDFB1
95.3k
100k
RCLKSET
84.5k
REXTVCC1
49.9
4655 F51
CEXTVCC1
1 F
5VOUT,
UP TO 4A
5VOUT,
UP TO 25mA
RTH1
499
CTH1
10nF
COUTH2
47µF
×2
REXTVCC2
20
CEXTVCC2
1 F
RPGDFB2
36.5k
VIN1
VD1
CLKIN1
CLKOUT1
SVIN1
COMP1b
COMP1a
fSET1
RUN1
VINREG1
SVINF1
SVINF2
LDOIN
VIN2
SVIN2
VD2
CLKIN2
CLKOUT2
COMP2b
COMP2a
fSET2
RUN2
VINREG2
INTVCC2
MOD
GND
ISET1b
ISET1a
ISET2b ISET2a
TEMP+
TEMP–
IMON2b
IMON2a
VOUT2–
EXTVCC2
SVOUT2–
VOUT1+
SW1
SW2
NC
VOUT1–
VOSNS1+
SVOUT1–
PGOOD1
PGDFB1
EXTVCC1
IMON1b
IMON1a
CLKSET
LDOOUT
VOUT2+
VOSNS2+
INTVCC1
LTM4655
INTVCC1
INTVCC2
INTVCC1
100k
PGOOD2
PGDFB2
INTVCC2
LDOOUT
LDOOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com