Electronic Components Datasheet Search
  English  ▼

X  

AD9699 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9699
Description  14-Bit, 3 GSPS, JESD204B, Single Analog-to-Digital Converter
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9699 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9699 Datasheet HTML 28Page - Analog Devices AD9699 Datasheet HTML 29Page - Analog Devices AD9699 Datasheet HTML 30Page - Analog Devices AD9699 Datasheet HTML 31Page - Analog Devices AD9699 Datasheet HTML 32Page - Analog Devices AD9699 Datasheet HTML 33Page - Analog Devices AD9699 Datasheet HTML 34Page - Analog Devices AD9699 Datasheet HTML 35Page - Analog Devices AD9699 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 121 page
background image
Data Sheet
AD9699
PROGRAMMABLE FIR FILTERS
analog.com
Rev. 0 | 32 of 121
PROGRAMMING INSTRUCTIONS
Use the following procedure to set up the programmable FIR filter:
1. Enable the sample clock to the device.
2. Set the I path mode (I mode) and gain in Register 0x0DF8 and
Register 0x0DF9 (see Table 12 and Table 13). Only I Mode is
available. Q Mode is not available on single-channel devices.
3. Wait at least 5 µs to allow the programmable filter to power up.
4. Program the I path coefficients to the internal shadow registers
as follows:
a. Program the XI coefficients in Register 0x0E00 to Register
0x0E2F (see Table 14 and Table 15).
b. Program the YI coefficients in Register 0x0F00 to Register
0x0F2F (see Table 14 and Table 15).
c. Program the tapped delay in Register 0x0F30 (note that this
step is optional).
5. Set the chip transfer bit using either of the following methods
(note that setting the chip transfer bit applies the programmed
shadow coefficients to the filter):
a. Via the register map using the write the chip transfer bit
(Register 0x000F = 0x01).
b. Via a GPIO pin, as follows:
1. Configure one of the GPIO pins as the chip transfer bit
in Register 0x0040 to Register 0x0042.
2. Toggle the GPIO pin to initiate the chip transfer (the
rising edge is triggered).
6. When the I path mode register changes in Register 0x0DF8, all
coefficients must be reprogrammed.
Table 12. Register 0x0DF8 Definition
Bits
Description
[7:3]
Reserved
[2:0]
Filter mode (I mode)
000: filters bypassed
001: real 24-tap filter (X only)
010: real 48-tap filter (X and Y together)
100: real set of two cascaded 24-tap filters (X then Y cascaded)
111: real 96-tap filter (X and Y together)
Table 13. Register 0x0DF9 Definition
Bits
Description
7
Reserved
[6:4]
Y filter gain
110: −12 dB loss
111: −6 dB loss
000: 0 dB gain
001: 6 dB gain
010: 12 dB gain
3
Reserved
[2:0]
X filter gain
110: −12 dB loss
111: −6 dB loss
000: 0 dB gain
001: 6 dB gain
010: 12 dB gain
Table 14 shows the coefficient tables in Register 0x0E00 to Regis-
ter 0x0F30. Note that all coefficients are Q1.15 format (sign bit + 15
fractional bits).
Table 14. I Coefficient Table (Device Selection = 0x1)1
Addr.
Single 24-Tap Filter (I Mode
[2:0] = 0x1)
Single 48-Tap Filter (I Mode
[2:0] = 0x2)
Two Cascaded 24-Tap Filters (I
Mode [2:0] = 0x4)
Single 96-Tap Filter (I Mode
[2:0] = 0x7)
0x0E00
XI C0 [7:0]
XI C0 [7:0]
XI C0 [7:0]
XI C0 [7:0]
0x0E01
XI C0 [15:8]
XI C0 [15:8]
XI C0 [15:8]
XI C0 [15:8]
0x0E02
XI C1 [7:0]
XI C1 [7:0]
XI C1 [7:0]
XI C1 [7:0]
0x0E03
XI C1 [15:8]
XI C1 [15:8]
XI C1 [15:8]
XI C1 [15:8]
…
…
…
…
…
0x0E2E
XI C23 [7:0]
XI C23 [7:0]
XI C23 [7:0]
XI C23 [7:0]
0x0E2F
XI C23 [15:0]
XI C23 [15:0]
XI C23 [15:0]
XI C23 [15:0]
0x0F00
Unused
YI C24 [7:0]
YI C0 [7:0]
YI C24 [7:0]
0x0F01
Unused
YI C24 [15:8]
YI C0 [15:8]
YI C24 [15:8]
0x0F02
Unused
YI C25 [7:0]
YI C1 [7:0]
YI C25 [7:0]
0x0F03
Unused
YI C25 [15:8]
YI C1 [15:8]
YI C25 [15:8]
…
…
…
…
…
0x0F2E
Unused
YI C47 [7:0]
YI C23 [7:0]
YI C47 [7:0]
0x0F2F
Unused
YI C47 [15:0]
YI C23 [15:0]
YI C47 [15:0]
0x0F30
Unused
Unused
Unused
Unused
1 XI Cn means I Path X Coefficient n. YI Cn means I Path Y Coefficient n.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com