Electronic Components Datasheet Search
  English  ▼

X  

AD9699 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9699
Description  14-Bit, 3 GSPS, JESD204B, Single Analog-to-Digital Converter
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9699 Datasheet(HTML) 4 Page - Analog Devices

  AD9699 Datasheet HTML 1Page - Analog Devices AD9699 Datasheet HTML 2Page - Analog Devices AD9699 Datasheet HTML 3Page - Analog Devices AD9699 Datasheet HTML 4Page - Analog Devices AD9699 Datasheet HTML 5Page - Analog Devices AD9699 Datasheet HTML 6Page - Analog Devices AD9699 Datasheet HTML 7Page - Analog Devices AD9699 Datasheet HTML 8Page - Analog Devices AD9699 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 121 page
background image
Data Sheet
AD9699
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 121
DC SPECIFICATIONS
AVDD1 = 0.975 V, AVDD1_SR = 0.975 V, AVDD2 = 1.9 V, AVDD3 = 2.5 V, DVDD = 0.975 V, DRVDD1 = 0.975 V, DRVDD2 = 1.9 V, SPIVDD =
1.9 V, specified maximum sampling rate, 1.54 V p-p full-scale differential input, input amplitude (AIN) = −2.0 dBFS, L = 4, M = 1,
F = 1, and −20°C ≤ junction temperature (TJ) ≤ +100°C, unless otherwise noted. The TJ range of −20°C to +100°C translates to a TA range of
−40°C to +85°C. Typical specifications represent performance at TJ = 40°C (TA = 25°C).
Table 1.
Parameter
Min
Typ
Max
Unit
RESOLUTION
14
Bits
ACCURACY
No Missing Codes
Guaranteed
Offset Error
0
% FSR
Gain Error
−6.07
±1
+6.07
% FSR
Differential Nonlinearity (DNL)
−0.59
±0.4
+0.68
LSB
Integral Nonlinearity (INL)
−25.4
±6
+18.1
LSB
TEMPERATURE DRIFT
Offset Error
±15
ppm/°C
Gain Error
440
ppm/°C
INTERNAL VOLTAGE REFERENCE
0.5
V
INPUT-REFERRED NOISE
5.6
LSB rms
ANALOG INPUTS
Differential Input Voltage Range
1.54
V p-p
Common-Mode Voltage (VCM)
1.33
1.35
1.54
V
Differential Input Resistance
200
Ω
Differential Input Capacitance
0.25
pF
Differential Input Return Loss at 2.1 GHz1
−7
dB
−3 dB Bandwidth
9
GHz
POWER SUPPLY
AVDD1
0.95
0.975
1.0
V
AVDD2
1.85
1.9
1.95
V
AVDD3
2.44
2.5
2.56
V
AVDD1_SR
0.95
0.975
1.0
V
DVDD
0.95
0.975
1.0
V
DRVDD1
0.95
0.975
1.0
V
DRVDD2
1.85
1.9
1.95
V
SPIVDD
1.85
1.9
1.95
V
IAVDD1
335
408.5
mA
IAVDD2
420
483.9
mA
IAVDD3
56
62.57
mA
IAVDD1_SR
22
34
mA
IDVDD
285
518.4
mA
IDRVDD12
420
491.6
mA
IDRVDD2
30
33.5
mA
ISPIVDD
0.20
0.996
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com