Electronic Components Datasheet Search
  English  ▼

X  

AD9699 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9699
Description  14-Bit, 3 GSPS, JESD204B, Single Analog-to-Digital Converter
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9699 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9699 Datasheet HTML 13Page - Analog Devices AD9699 Datasheet HTML 14Page - Analog Devices AD9699 Datasheet HTML 15Page - Analog Devices AD9699 Datasheet HTML 16Page - Analog Devices AD9699 Datasheet HTML 17Page - Analog Devices AD9699 Datasheet HTML 18Page - Analog Devices AD9699 Datasheet HTML 19Page - Analog Devices AD9699 Datasheet HTML 20Page - Analog Devices AD9699 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 121 page
background image
Data Sheet
AD9699
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 17 of 121
Figure 30. Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN) with
fIN1 = 2621.5 MHz, fIN2 = 2631.5 MHz
Figure 31. SNR/SFDR vs. Input Amplitude (AIN), fIN = 950 MHz
Figure 32. SNR/SFDR vs. Input Amplitude (AIN), fIN = 1800 MHz
Figure 33. SNR/SFDR vs. TJ, fIN = 950 MHz, AIN = −9 dBFS
Figure 34. Power vs. TJ, fIN = 950 MHz
Figure 35. SNR vs. Analog Input Frequency (fIN) vs. Various Clock Amplitude
in Differential Voltages, AIN = −2dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com