Electronic Components Datasheet Search
  English  ▼

X  

AD9699 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9699
Description  14-Bit, 3 GSPS, JESD204B, Single Analog-to-Digital Converter
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9699 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9699 Datasheet HTML 19Page - Analog Devices AD9699 Datasheet HTML 20Page - Analog Devices AD9699 Datasheet HTML 21Page - Analog Devices AD9699 Datasheet HTML 22Page - Analog Devices AD9699 Datasheet HTML 23Page - Analog Devices AD9699 Datasheet HTML 24Page - Analog Devices AD9699 Datasheet HTML 25Page - Analog Devices AD9699 Datasheet HTML 26Page - Analog Devices AD9699 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 121 page
background image
Data Sheet
AD9699
THEORY OF OPERATION
analog.com
Rev. 0 | 23 of 121
Input Common Mode
The analog input of the AD9699 is internally biased to the common-
mode voltage, as shown in Figure 57. The common-mode buffer
has a limited range in that the performance suffers greatly if the
common-mode voltage drops by more than 50 mV on either side of
the nominal value.
For dc-coupled applications, the recommended operation proce-
dure is to export the common-mode voltage to the VREF pin using
the SPI writes listed in this section. The common-mode voltage
must be set by the exported value to ensure proper ADC operation.
Disconnect the internal common-mode buffer from the analog input
using Register 0x1908.
When performing SPI writes for dc coupling operation, use the
following register settings in order:
1. Set Register 0x1908, Bit 2 to disconnect the internal common-
mode buffer from the analog input. Note that this is a local
register.
2. Set Register 0x18A6 to 0x00 to turn off the voltage reference.
3. Set Register 0x18E6 to 0x00 to turn off the temperature diode
export.
4. Set Register 0x18E0 to 0x02.
5. Set Register 0x18E1 to 0x9A.
6. Set Register 0x18E2 to 0x1E.
7. Set Register 0x18E3, Bit 6 to 1 to turn on the VCM export.
8. Set Register 0x18E3, Bits[5:0] to the buffer current setting (Reg-
ister 0x1A4C and Register 0x1A4D) to improve the accuracy of
the common-mode export.
Figure 56 shows the block diagram representation of a dc-coupled
application.
Figure 56. DC-Coupled Application Using the AD9699
Analog Input Buffer Controls and SFDR
Optimization
The AD9699 input buffer offers flexible controls for the analog
inputs, such as buffer current, dc coupling, and input full-scale
adjustment. All the available controls are shown in Figure 57.
Figure 57. Analog Input Controls
Using Register 0x1A4C and Register 0x1A4D, the buffer behavior
of the converter can be adjusted to optimize the SFDR over various
input frequencies and bandwidths of interest. Use Register 0x1910
to change the internal reference voltage. Changing the internal
reference voltage results in a change in the input full-scale voltage.
When the input buffer current in Register 0x1A4C and Regis-
ter 0x1A4D is set, the amount of current required by the AVDD3
supply changes. This relationship is shown in Figure 58. For a
complete list of buffer current settings, see Table 44.
Figure 58. AVDD3 Current (IAVDD3) vs. Buffer Current Setting (Buffer Control 1
Setting in Register 0x1A4C and Buffer Control 2 Setting in Register 0x1A4D)
Table 10 shows the recommended values for the buffer current for
various Nyquist zones.
Table 10. SFDR Optimization for Input Frequencies
Frequency
Register 0x1A4C and Register 0x1A4D
DC to 1500 MHz
400 µA/500 µA
1500 MHz to 3000 MHz
500 µA
>3000 MHz
500 µA/700 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com