Electronic Components Datasheet Search
  English  ▼

X  

AD9699 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9699
Description  14-Bit, 3 GSPS, JESD204B, Single Analog-to-Digital Converter
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9699 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9699 Datasheet HTML 4Page - Analog Devices AD9699 Datasheet HTML 5Page - Analog Devices AD9699 Datasheet HTML 6Page - Analog Devices AD9699 Datasheet HTML 7Page - Analog Devices AD9699 Datasheet HTML 8Page - Analog Devices AD9699 Datasheet HTML 9Page - Analog Devices AD9699 Datasheet HTML 10Page - Analog Devices AD9699 Datasheet HTML 11Page - Analog Devices AD9699 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 121 page
background image
Data Sheet
AD9699
SPECIFICATIONS
analog.com
Rev. 0 | 8 of 121
SWITCHING SPECIFICATIONS
AVDD1 = 0.975 V, AVDD1_SR = 0.975 V, AVDD2 = 1.9 V, AVDD3 = 2.5 V, DVDD = 0.975 V, DRVDD1 = 0.975 V, DRVDD2 = 1.9 V, SPIVDD
= 1.9 V, specified maximum sampling rate, 1.54 V p-p full-scale differential input, AIN = −2.0 dBFS, default SPI settings, and −20°C ≤ TJ ≤
+100°C, unless otherwise noted. The TJ range of −20°C to +100°C translates to a TA range of −40°C to +85°C. Typical specifications represent
performance at TJ = 40°C (TA = 25°C).
Table 4.
Parameter
Min
Typ
Max
Unit
CLOCK
Clock Rate (at CLK+ and CLK− Pins)
3
6
GHz
Sample Rate1
2500
3000
3100
MSPS
Clock Pulse Width High
161.29
166.67
192.31
ps
Clock Pulse Width Low
161.29
166.67
192.31
ps
OUTPUT PARAMETERS
Unit Interval (UI)2
62.5
66.67
592.6
ps
Rise Time (tR) (20% to 80% into 100 Ω Load)
26
ps
Fall Time (tF) (20% to 80% into 100 Ω Load)
26
ps
Phase-Locked Loop (PLL) Lock Time
5
ms
Data Rate per Channel (Nonreturn to Zero)3
1.6875
15
16
Gbps
LATENCY4
Pipeline Latency5
75
Clock cycles
Fast Detect Latency
26
Clock cycles
WAKE-UP TIME
Standby
400
µs
Power-Down
15
ms
NCO CHANNEL SELECTION TO OUTPUT
8
Clock cycles
APERTURE
Aperture Delay (tA)
250
ps
Aperture Uncertainty (Jitter, tJ)
55
fs rms
Out of Range Recovery Time
1
Clock cycles
1 The maximum sample rate is the clock rate after the divider.
2 Baud rate = 1/UI. A subset of this range can be supported.
3 Default L = 8. This number can be changed based on the sample rate and decimation ratio.
4 No DDCs used. L = 8, M = 2, and F = 1.
5 Refer to the End to End Total Latency section for more details.
TIMING SPECIFICATIONS
Table 5.
Parameter
Description
Min
Typ
Max
Unit
CLK+ to SYSREF+ TIMING REQUIREMENTS
tSU_SR
Device clock to SYSREF+ setup time
−65
ps
tH_SR
Device clock to SYSREF+ hold time
95
ps
SPI TIMING REQUIREMENTS
tDS
Setup time between the data and the rising edge of SCLK
2
ns
tDH
Hold time between the data and the rising edge of SCLK
2
ns
tCLK
Period of the SCLK
40
ns
tS
Setup time between CSB and SCLK
2
ns
tH
Hold time between CSB and SCLK
2
ns
tHIGH
Minimum period that SCLK must be in a logic high state
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com