Electronic Components Datasheet Search
  English  ▼

X  

AD9699 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9699
Description  14-Bit, 3 GSPS, JESD204B, Single Analog-to-Digital Converter
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9699 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9699 Datasheet HTML 2Page - Analog Devices AD9699 Datasheet HTML 3Page - Analog Devices AD9699 Datasheet HTML 4Page - Analog Devices AD9699 Datasheet HTML 5Page - Analog Devices AD9699 Datasheet HTML 6Page - Analog Devices AD9699 Datasheet HTML 7Page - Analog Devices AD9699 Datasheet HTML 8Page - Analog Devices AD9699 Datasheet HTML 9Page - Analog Devices AD9699 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 121 page
background image
Data Sheet
AD9699
SPECIFICATIONS
analog.com
Rev. 0 | 6 of 121
Table 2.
Parameter1
AIN = −2 dBFS
AIN = −9 dBFS
Min
Typ
Max
Min
Typ
Max
Unit
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 255 MHz
9.6
9.7
Bits
fIN = 765 MHz
9.5
9.7
dBFS
fIN = 900 MHz
9.4
9.7
Bits
fIN = 1800 MHz
9.2
9.6
Bits
fIN = 2100 MHz
9.1
9.6
Bits
fIN = 2600 MHz
8.1
9.0
9.5
Bits
fIN = 3950 MHz
8.5
9.4
Bits
SPURIOUS-FREE DYNAMIC RANGE (SFDR), SECOND OR THIRD HARMONIC
fIN = 255 MHz
71
78
dBFS
fIN = 255 MHz (1.85 V p-p Setting)
65
83
dBFS
fIN = 765 MHz
71
79
dBFS
fIN = 900 MHz
71
78
dBFS
fIN = 1800 MHz
69
81
dBFS
fIN = 2100 MHz
67
73
dBFS
fIN = 2600 MHz
47.2
70
78
dBFS
fIN = 3950 MHz
58
73
dBFS
WORST OTHER, EXCLUDING SECOND OR THIRD HARMONIC
fIN = 255 MHz
−89
−90
dBFS
fIN = 255 MHz (1.85 V p-p Setting)
−90
−90
dBFS
fIN = 765 MHz
−90
−89
dBFS
fIN = 900 MHz
−89
−90
dBFS
fIN = 1800 MHz
−81
−94
dBFS
fIN = 2100 MHz
−80
−98
dBFS
fIN = 2600 MHz
−73.8
−84
−90
dBFS
fIN = 3950 MHz
−80
−90
dBFS
TWO-TONE, THIRD-ORDER INTERMODULATION DISTORTION (IMD3)
fIN1 = 1.842 GHz, fIN2 = 1.847 GHz, AIN1 and AIN2 = −8.0 dBFS
−73
dBFS
fIN1 = 1.842 GHz, fIN2 = 1.847 GHz, AIN1 and AIN2 = −15.0 dBFS
−87
dBFS
fIN1 = 2.62 GHz, fIN2 = 2.69 GHz, AIN1 and AIN2 = −8.0 dBFS
−69
dBFS
fIN1 = 2.62 GHz, fIN2 = 2.69 GHz, AIN1 and AIN2 = −15.0 dBFS
−88
dBFS
fIN1 = 2.62 GHz, fIN2 = 2.69 GHz, AIN1 and AIN2 = −8.0 dBFS, Full-Scale Voltage (VFS) = 1.02 V
p-p
−75
dBFS
fIN1 = 2.62 GHz, fIN2 = 2.69 GHz, AIN1 and AIN2 = −15.0 dBFS, VFS = 1.02 V p-p
−111
dBFS
ANALOG INPUT BANDWIDTH, FULL POWER3
5
5
GHz
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
2 Noise density is measured at a low analog input frequency (30 MHz).
3 Full power bandwidth is the bandwidth of operation in which proper ADC performance can be achieved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com