Electronic Components Datasheet Search
  English  ▼

X  

AD9699 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9699
Description  14-Bit, 3 GSPS, JESD204B, Single Analog-to-Digital Converter
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9699 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9699 Datasheet HTML 35Page - Analog Devices AD9699 Datasheet HTML 36Page - Analog Devices AD9699 Datasheet HTML 37Page - Analog Devices AD9699 Datasheet HTML 38Page - Analog Devices AD9699 Datasheet HTML 39Page - Analog Devices AD9699 Datasheet HTML 40Page - Analog Devices AD9699 Datasheet HTML 41Page - Analog Devices AD9699 Datasheet HTML 42Page - Analog Devices AD9699 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 121 page
background image
Data Sheet
AD9699
DIGITAL DOWNCONVERTER (DDC)
analog.com
Rev. 0 | 39 of 121
FTW=round248modfC, fSfS (5)
where:
FTW is the 48-bit twos complement number representing the
NCO FTW.
fS is the ADC sampling frequency.
fC is the desired carrier frequency.
mod(x) is a remainder function. For example mod(110,100) = 10
and for negative numbers, mod(–32,10) = –2.
round(x) is a rounding function. For example round(3.6) = 4 and for
negative numbers, round(–3.4) = –3.
Note that Equation 5 applies to the aliasing of signals in the digital
domain (that is, aliasing introduced when digitizing analog signals).
The MAW must be set to zero to use coherent mode. When MAW is
zero, the programmable modulus logic is automatically disabled.
For example, if the ADC sampling frequency (fS) is 3000 MSPS and
the carrier frequency (fC) is 416.667 MHz, then,
NCO_FTW=round248mod416.667, 3000
3000
=0x2EC6_C03A_8E23
The actual carrier frequency can be calculated based on the follow-
ing equation:
fC_ACTUAL=FTW×fS248
For the previous example, the actual carrier frequency (fC_ACTUAL)
is
fC_ACTUAL=416.667×3000
248
=416.66699 MHz
A 48-bit POW is available for each NCO to create a known phase
relationship between multiple chips or individual DDC channels
inside the chip.
While in coherent mode, the FTW and POW registers can be
updated at any time while still maintaining deterministic phase
results in the NCO.
NCO Channel Selection
When configured in coherent mode, only one FTW is required in
the NCO. In this mode, the user can switch to any tuning frequency
without the need to reset the NCO by writing to the FTW directly.
However, for fast switching applications, where either all FTWs
are known beforehand or it is possible to queue up the next set
of FTWs, the NCO contains 16 additional shadow registers (see
Figure 84). These shadow registers are hereafter referred to as the
NCO channels.
Figure 85 shows a simplified block diagram of the NCO channel
selection block. The gray lines in Figure 85 represent SPI control
lines.
Figure 85. NCO Channel Selection Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com