Electronic Components Datasheet Search
  English  ▼

X  

AD9699 Datasheet(PDF) 40 Page - Analog Devices

Part # AD9699
Description  14-Bit, 3 GSPS, JESD204B, Single Analog-to-Digital Converter
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9699 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9699 Datasheet HTML 36Page - Analog Devices AD9699 Datasheet HTML 37Page - Analog Devices AD9699 Datasheet HTML 38Page - Analog Devices AD9699 Datasheet HTML 39Page - Analog Devices AD9699 Datasheet HTML 40Page - Analog Devices AD9699 Datasheet HTML 41Page - Analog Devices AD9699 Datasheet HTML 42Page - Analog Devices AD9699 Datasheet HTML 43Page - Analog Devices AD9699 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 121 page
background image
Data Sheet
AD9699
DIGITAL DOWNCONVERTER (DDC)
analog.com
Rev. 0 | 40 of 121
Only one NCO channel is active at a time and NCO channel
selection is controlled either by the CMOS GPIO pins or through the
register map.
Each NCO channel selector supports three different modes, descri-
bed as follows:
►
GPIO level control mode. In this mode, the GPIO pins determine
the exact NCO channel selected.
►
GPIO edge control mode. A low to high transition on a single
GPIO pin determines the exact NCO channel selected. The
internal channel selection counter is reset by either SYSREF± or
by the DDC soft reset.
►
Register map mode. In this mode, the NCO channel selected is
determined directly through the register map.
The following procedure must be followed to use GPIO level control
mode for NCO channel selection:
1. Configure one or more GPIO pins as NCO channel selection
inputs. The GPIO pins not configured as NCO channel selection
inputs are internally tied low.
a. To use GPIO_A0, write Bits[2:0] in Register 0x0040 to 0x6
and Bits[3:0] in Register 0x0041 to 0x0.
b. To use GPIO_B0, write Bits[5:3] in Register 0x0040 to 0x6
and Bits[7:4] in Register 0x0041 to 0x0.
c. To use GPIO_A1, write Bits[3:0] in Register 0x0042 to 0x0.
d. To use GPIO_B1, write Bits[7:4] in Register 0x0042 to 0x0.
2. Configure the NCO channel selector in GPIO level control
mode by setting Bits[7:4] in the NCO control registers (Regis-
ter 0x0314, Register 0x0334, Register 0x0354, and Register
0x0374) to 0x1 through 0x6, depending on the desired GPIO
pin order.
3. Select the desired NCO channel through the GPIO pins.
The following procedure must be followed to use GPIO edge control
mode for NCO channel selection:
1. Configure one or more GPIO pins as NCO channel selection
inputs.
a. To use GPIO_A0, write Bits[2:0] in Register 0x0040 to 0x6
and Bits[3:0] in Register 0x0041 to 0x0.
b. To use GPIO_B0, write Bits[5:3] in Register 0x0040 to 0x6
and Bits[7:4] in Register 0x0041 to 0x0.
c. To use GPIO_A1, write Bits[3:0] in Register 0x0042 to 0x0.
d. To use GPIO_B1, write Bits[7:4] in Register 0x0042 to 0x0.
2. Configure the NCO channel selector in GPIO edge control
mode by setting Bits[7:4] in the NCO control registers (Regis-
ter 0x0314, Register 0x0334, Register 0x0354, and Register
0x0374) to 0x8 through 0xB, depending on the desired GPIO
pin.
3. Configure the wrap point for the NCO channel selection by
setting Bits[3:0] in the NCO control registers (Register 0x0314,
Register 0x0334, Register 0x0354, and Register 0x0374). A
value of 4 causes the channel selection to wrap at Channel 4
(for example, 0, 1, 2, 3, 4, 0, 1, 2, 3, 4).
4. Transition the selected GPIO pin from low to high to increment
the NCO channel selection.
Figure 86 shows an example use case for coherent mode using
three NCO channels. In this example, NCO Channel 0 is actively
downconverting Bandwidth 0 (B0), while NCO Channel 1 and
Channel 2 are in standby mode and are tuned to Bandwidth 1 and
Bandwidth 2 (B1 and B2), respectively.
The phase coherent NCO switching feature allows an infinite num-
ber of frequency hops that are all phase coherent. The initial phase
of the NCO is established at time t0 from SYSREF± synchroniza-
tion. Switching the NCO FTW does not affect the phase. With this
feature, only one FTW is required, but the user may wish to use all
16 channels to queue up the next hop.
After SYSREF± synchronization at startup, all NCOs across multi-
ple chips are inherently synchronized.
Figure 86. NCO Coherent Mode with Three NCO Channels (B0 Selected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com