Electronic Components Datasheet Search
  English  ▼

X  

AD9699 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9699
Description  14-Bit, 3 GSPS, JESD204B, Single Analog-to-Digital Converter
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9699 Datasheet(HTML) 5 Page - Analog Devices

  AD9699 Datasheet HTML 1Page - Analog Devices AD9699 Datasheet HTML 2Page - Analog Devices AD9699 Datasheet HTML 3Page - Analog Devices AD9699 Datasheet HTML 4Page - Analog Devices AD9699 Datasheet HTML 5Page - Analog Devices AD9699 Datasheet HTML 6Page - Analog Devices AD9699 Datasheet HTML 7Page - Analog Devices AD9699 Datasheet HTML 8Page - Analog Devices AD9699 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 121 page
background image
Data Sheet
AD9699
SPECIFICATIONS
analog.com
Rev. 0 | 5 of 121
Table 1.
Parameter
Min
Typ
Max
Unit
POWER CONSUMPTION
Total Power Dissipation (Including Output Drivers)3
2.0
2.472
W
Power-Down Dissipation
250
594
mW
Standby4
1.0
1.41
mW
1 For more information, see the Analog Input Considerations section.
2 All lanes running. Power dissipation on DRVDD1 changes with the lane rate and number of lanes used.
3 Default mode. No DDCs used.
4 Can be controlled by the SPI.
AC SPECIFICATIONS
AVDD1 = 0.975 V, AVDD1_SR = 0.975 V, AVDD2 = 1.9 V, AVDD3 = 2.5 V, DVDD = 0.975 V, DRVDD1 = 0.975 V, DRVDD2 = 1.9 V, SPIVDD =
1.9 V, specified maximum sampling rate, 1.54 V p-p full-scale differential input, default SPI settings, and −20°C ≤ TJ ≤ +100°C, unless otherwise
noted. The TJ range of −20°C to +100°C translates to a TA range of −40°C to +85°C. Typical specifications represent performance at TJ = 40°C
(TA = 25°C).
Table 2.
Parameter1
AIN = −2 dBFS
AIN = −9 dBFS
Min
Typ
Max
Min
Typ
Max
Unit
NOISE DENSITY2
1.54 V p-p Setting
−152
−152
dBFS/Hz
1.85 V p-p Setting
−154
−154
dBFS/Hz
NOISE FIGURE
24.5
24.5
dB
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 255 MHz
60.2
60.2
dBFS
fIN = 255 MHz (1.85 V p-p Setting)
61.4
61.8
dBFS
fIN = 765 MHz
59.8
60.2
dBFS
fIN = 900 MHz
59.5
60.2
dBFS
fIN = 1800 MHz
58.7
60.0
dBFS
fIN = 2100 MHz
58.2
59.8
dBFS
fIN = 2600 MHz
50.2
57.2
59.5
dBFS
fIN = 3950 MHz
55.1
58.6
dBFS
SIGNAL-TO-NOISE-AND-DISTORTION RATIO (SINAD)
fIN = 255 MHz
59.7
60.0
dBFS
fIN = 255 MHz (1.85 V p-p Setting)
60.0
61.5
dBFS
fIN = 765 MHz
58.8
60.0
dBFS
fIN = 900 MHz
58.6
59.9
dBFS
fIN = 1800 MHz
57.4
59.7
dBFS
fIN = 2100 MHz
56.7
59.4
dBFS
fIN = 2600 MHz
44.1
56.1
59.2
dBFS
fIN = 3950 MHz
52.8
58.2
dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com